Electronic Components Datasheet Search
  English  ▼

X  

ADG428 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG428
Description  LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG428 Datasheet(HTML) 4 Page - Analog Devices

  ADG428 Datasheet HTML 1Page - Analog Devices ADG428 Datasheet HTML 2Page - Analog Devices ADG428 Datasheet HTML 3Page - Analog Devices ADG428 Datasheet HTML 4Page - Analog Devices ADG428 Datasheet HTML 5Page - Analog Devices ADG428 Datasheet HTML 6Page - Analog Devices ADG428 Datasheet HTML 7Page - Analog Devices ADG428 Datasheet HTML 8Page - Analog Devices ADG428 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. C
ADG428/ADG429
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADG428/ADG429 features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25
°C unless otherwise noted.)
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+44 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +25 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –25 V
Analog, Digital Inputs
2
. . . . . . . . . . VSS – 2 V to VDD + 2 V or
30 mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 30 mA
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
(Pulsed at 1 ms, 10% Duty Cycle Max)
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (T Version) . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Cerdip Package, Power Dissipation . . . . . . . . . . . . . . . 900 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 73
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . +300
°C
Plastic Package, Power Dissipation . . . . . . . . . . . . . . . 470 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 115
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . +260
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . . 600 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 77
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
PLCC Package, Power Dissipation . . . . . . . . . . . . . . . 800 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 90
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2Overvoltages at A, EN,
WR, RS, S or D will be clamped by internal diodes. Current
should be limited to the maximum ratings given.
ORDERING GUIDE
Model
1
Temperature Range
Package Options
2
ADG428BN
–40
°C to +85°C
N-18
ADG428BP
–40
°C to +85°C
P-20A
ADG428BR
–40
°C to +85°C
R-18
ADG428TQ
–55
°C to +125°CQ-18
ADG429BN
–40
°C to +85°C
N-18
ADG429BP
–40
°C to +85°C
P-20A
ADG429TQ
–55
°C to +125°CQ-18
NOTES
1For availability of MIL-STD-883, Class B processed parts, contact factory.
2N = Plastic DIP; P = Plastic Leaded Chip Carrier (PLCC); Q = Cerdip;
R = Small Outline IC (SOIC).
ADG429 PIN CONFIGURATIONS
DIP/SOIC
PLCC
TOP VIEW
(Not to Scale)
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
ADG428
D
S4
WR
A0
EN
VSS
S3
S2
S1
S8
S7
RS
A1
A2
GND
S6
S5
VDD
3
2
1
20
19
9
10
11
12
13
18
17
16
15
14
4
5
6
7
8
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
NC = NO CONNECT
EN
VSS
S1
S2
S3
A2
GND
VDD
S5
S6
ADG428
DIP
PLCC
TOP VIEW
(Not to Scale)
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
ADG429
DA
S4A
WR
A0
EN
VSS
S3A
S2A
S1A
DB
S4B
RS
A1
GND
VDD
S3B
S2B
S1B
3
2
1
20
19
9
10
11
12
13
18
17
16
15
14
4
5
6
7
8
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
NC = NO CONNECT
EN
VSS
S1A
S2A
S3A
GND
VDD
S1B
S2B
S3B
ADG429
ADG428 PIN CONFIGURATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com