Electronic Components Datasheet Search
  English  ▼

X  

ADG428 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG428
Description  LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG428 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG428 Datasheet HTML 3Page - Analog Devices ADG428 Datasheet HTML 4Page - Analog Devices ADG428 Datasheet HTML 5Page - Analog Devices ADG428 Datasheet HTML 6Page - Analog Devices ADG428 Datasheet HTML 7Page - Analog Devices ADG428 Datasheet HTML 8Page - Analog Devices ADG428 Datasheet HTML 9Page - Analog Devices ADG428 Datasheet HTML 10Page - Analog Devices ADG428 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. C
ADG428/ADG429
–7–
SWITCHING FREQUENCY – Hz
6000
1000
10
10M
100
1k
10k
100k
1M
5500
4000
2500
2000
1500
5000
4500
3500
3000
500
0
VDD = +15V
VSS = –15V
EN = 2.4V
EN = 0V
Figure 7. Positive Supply Current vs. Switching Frequency
VIN – Volts
115
3
5
7
9
11
13
130
50
120
90
80
70
60
110
100
VDD = +15V
VSS = –15V
tON (EN)
tTRANSITION
tOFF (EN)
Figure 8. Switching Time vs. VIN (Bipolar Supply)
VSUPPLY – Volts
300
275
50
5
15
7
9
11
13
200
125
100
75
250
225
150
175
25
0
VIN = +5V
tON (EN)
tTRANSITION
tOFF (EN)
Figure 9. Switching Time vs. Bipolar Supply
VDD = +15V
VSS = –15V
SWITCHING FREQUENCY – Hz
1000
100
0.1
10
10M
100
1k
10k
100k
1M
10
1
EN = 2.4V
EN = 0V
Figure 10. Negative Supply Current vs. Switching
Frequency
VIN – Volts
200
40
180
120
100
80
60
160
140
113
35
7
9
11
tOFF (EN)
tTRANSITION
tON (EN)
VDD = +12V
VSS = 0V
Figure 11. Switching Time vs. VIN (Single Supply)
VSUPPLY – Volts
500
200
0
515
6
7
8
9
10
11
12
13
14
450
250
150
50
350
300
100
400
VIN = +5V
tON (EN)
tTRANSITION
tOFF (EN)
Figure 12. Switching Time vs. Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com