Electronic Components Datasheet Search
  English  ▼

X  

ADG451 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG451
Description  LC2MOS 5 ohm RON SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG451 Datasheet(HTML) 5 Page - Analog Devices

  ADG451 Datasheet HTML 1Page - Analog Devices ADG451 Datasheet HTML 2Page - Analog Devices ADG451 Datasheet HTML 3Page - Analog Devices ADG451 Datasheet HTML 4Page - Analog Devices ADG451 Datasheet HTML 5Page - Analog Devices ADG451 Datasheet HTML 6Page - Analog Devices ADG451 Datasheet HTML 7Page - Analog Devices ADG451 Datasheet HTML 8Page - Analog Devices ADG451 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADG451/ADG452/ADG453
REV. A
–5–
ORDERING GUIDE
Temperature
Package
Model
Range
Options*
ADG451BN
–40
°C to +85°C
N-16
ADG451BR
–40
°C to +85°C
R-16A
ADG452BN
–40
°C to +85°C
N-16
ADG452BR
–40
°C to +85°C
R-16A
ADG453BN
–40
°C to +85°C
N-16
ADG453BR
–40
°C to +85°C
R-16A
*N = Plastic DIP; R = Small Outline IC (SOIC).
PIN CONFIGURATION
(DIP/SOIC)
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN1
D1
S1
VSS
GND
S4
D4
IN4
IN2
D2
S2
VDD
VL
S3
D3
IN3
ADG451
ADG452
ADG453
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+44 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +25 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –25 V
VL to GND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Analog, Digital Inputs2 . . . . . . . . . . . VSS –2 V to VDD +2 V or
30 mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . 100 mA
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 300 mA
(Pulsed at 1 ms, 10% Duty Cycle max)
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Plastic Package, Power Dissipation . . . . . . . . . . . . . . . 470 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 117
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . +260
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADG451/ADG452/ADG453 feature proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Truth Table (ADG453)
Logic
Switch 1, 4
Switch 2, 3
0
OFF
ON
1
ON
OFF
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . . 600 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . 77
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 kV
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2Overvoltages at IN, S or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
WARNING!
ESD SENSITIVE DEVICE
Truth Table (ADG451/ADG452)
ADG451 In
ADG452 In
Switch Condition
01
ON
1
0
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com