Electronic Components Datasheet Search
  English  ▼

X  

ADG451 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG451
Description  LC2MOS 5 ohm RON SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG451 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG451 Datasheet HTML 2Page - Analog Devices ADG451 Datasheet HTML 3Page - Analog Devices ADG451 Datasheet HTML 4Page - Analog Devices ADG451 Datasheet HTML 5Page - Analog Devices ADG451 Datasheet HTML 6Page - Analog Devices ADG451 Datasheet HTML 7Page - Analog Devices ADG451 Datasheet HTML 8Page - Analog Devices ADG451 Datasheet HTML 9Page - Analog Devices ADG451 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADG451/ADG452/ADG453
REV. A
–6–
TERMINOLOGY
VDD
Most positive power supply potential.
VSS
Most negative power supply potential in dual
supplies. In single supply applications, it may be
connected to GND.
VL
Logic power supply (+5 V).
GND
Ground (0 V) reference.
S
Source terminal. May be an input or output.
D
Drain terminal. May be an input or output.
IN
Logic control input.
RON
Ohmic resistance between D and S.
∆R
ON
On resistance match between any two channels
i.e., RONmax – RONmin.
RFLAT(ON)
Flatness is defined as the difference between the
maximum and minimum value of on-resistance as
measured over the specified analog signal range.
IS (OFF)
Source leakage current with the switch “OFF.”
ID (OFF)
Drain leakage current with the switch “OFF.”
ID, IS (ON)
Channel leakage current with the switch “ON.”
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
“OFF” switch source capacitance.
CD (OFF)
“OFF” switch drain capacitance.
CD, CS (ON) “ON” switch capacitance.
tON
Delay between applying the digital control input
and the output switching on. See Test Circuit 4.
tOFF
Delay between applying the digital control input
and the output switching off.
tD
“OFF” time or “ON” time measured between
the 90% points of both switches, when switching
from one address state to another. See Test
Circuit 5.
Crosstalk
A measure of unwanted signal coupled through
from one channel to another as a result of para-
sitic capacitance.
Off Isolation
A measure of unwanted signal coupling through
an “OFF” switch.
Charge
A measure of the glitch impulse transferred
Injection
from the digital input to the analog output dur-
ing switching.
9
8
0
4
3
2
1
6
5
7
VD OR VS DRAIN OR SOURCE VOLTAGE – V
TA = +25 C
VL = +5V
VDD = +5V
VSS = –5V
VDD = +13.5V
VSS = –13.5V
VDD = +16.5V
VSS = –16.5V
VDD = +15V
VSS = –15V
Figure 1. On Resistance as a Function of VD (VS)
for Various Dual Supplies
15
–10
–5
05
10
0
4
3
2
1
6
5
7
VD OR VS DRAIN OR SOURCE VOLTAGE – V
–15
+85 C
VDD = +15V
VSS = –15V
VL = +5V
+25 C
–40 C
Figure 2. On Resistance as a Function of VD (VS)
for Different Temperatures with Dual Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com