Electronic Components Datasheet Search
  English  ▼

X  

ADG451 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG451
Description  LC2MOS 5 ohm RON SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG451 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG451 Datasheet HTML 3Page - Analog Devices ADG451 Datasheet HTML 4Page - Analog Devices ADG451 Datasheet HTML 5Page - Analog Devices ADG451 Datasheet HTML 6Page - Analog Devices ADG451 Datasheet HTML 7Page - Analog Devices ADG451 Datasheet HTML 8Page - Analog Devices ADG451 Datasheet HTML 9Page - Analog Devices ADG451 Datasheet HTML 10Page - Analog Devices ADG451 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG451/ADG452/ADG453
REV. A
–7–
Typical Performance Characteristics–
TA = +25 C
VL = +5V
18
0
12
15
8
6
4
2
10
VD OR VS DRAIN OR SOURCE VOLTAGE – V
3
6
0
12
14
16
VDD = +5V
VSS = 0V
9
VDD = +13.5V
VSS = 0V
VDD = +15V
VSS = 0V
VDD = +16.5V
VSS = 0V
Figure 3. On Resistance as a Function of VD (VS) for
Various Single Supplies
TEMPERATURE – C
10
25
0.1
1.0
0.01
35
45
55
65
75
85
IS(OFF)
ID(OFF)
ID(ON)
VDD = +15V
VSS = –15V
VL = +5V
VD = +15V
VS = –15V
Figure 4. Leakage Currents as a Function of Temperature
IL
1SW
I+, I+
4SW
VDD = +15V
VSS = –15V
VSS = +5V
FREQUENCY – Hz
10
100
1k
10k
100k
1M
10M
0.01
0.1
1.0
10
100
1k
10k
100k
Figure 5. Supply Current vs. Input Switching Frequency
VD OR VS DRAIN OR SOURCE VOLTAGE – V
0
16
24
6
8
10
12
14
12
11
10
9
8
7
6
5
4
3
2
1
0
–40 C
+25 C
+85 C
VDD = +15V
VSS = 0V
VL = +5V
Figure 6. On Resistance as a Function of VD (VS)
for Different Temperatures with Single Supplies
0.5
–15
–12
0.4
0.3
0.2
–0.2
–0.3
–0.4
–0.5
0.1
0
–0.1
ID(ON)
VD OR VS DRAIN OR SOURCE VOLTAGE – V
ID(OFF)
IS(OFF)
–9
–6
–3
15
12
9
6
3
0
VDD = +15V
VSS = –15V
TA = +25 C
VL = +5V
Figure 7. Leakage Currents as a Function of VD (VS)
FREQUENCY – MHz
70
60
0
1
100
10
50
40
30
20
10
VDD = +15V
VSS = –15V
VL = +5V
Figure 8. Off Isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com