Electronic Components Datasheet Search
  English  ▼

X  

ADG444 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG444
Description  LC2MOS Quad SPST Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG444 Datasheet(HTML) 5 Page - Analog Devices

  ADG444 Datasheet HTML 1Page - Analog Devices ADG444 Datasheet HTML 2Page - Analog Devices ADG444 Datasheet HTML 3Page - Analog Devices ADG444 Datasheet HTML 4Page - Analog Devices ADG444 Datasheet HTML 5Page - Analog Devices ADG444 Datasheet HTML 6Page - Analog Devices ADG444 Datasheet HTML 7Page - Analog Devices ADG444 Datasheet HTML 8Page - Analog Devices ADG444 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ADG441/ADG442/ADG444
REV. 0
–5–
TRENCH ISOLATION
In the ADG441, ADG442 and ADG444, an insulating oxide
layer (trench) is placed between the NMOS and the PMOS
transistors of each CMOS switch. Parasitic junctions, which oc-
cur between the transistors in junction isolated switches, are
eliminated, the result being a completely latch-up proof switch.
In junction isolation, the N and P wells of the PMOS and
NMOS transistors form a diode that is reverse-biased under
normal operation. However, during overvoltage conditions, this
diode becomes forward biased. A silicon-controlled rectifier
(SCR) type circuit is formed by the two transistors causing a sig-
nificant amplification of the current which, in turn, leads to
latch up. With trench isolation, this diode is removed, the result
being a latch-up proof switch.
Trench isolation also leads to lower leakage currents. The
ADG441, ADG442 and ADG444 have a leakage current
of 0.5 nA as compared with a leakage current of several
nanoamperes in non-trench isolated switches. Leakage current is
an important parameter in sample-and-hold circuits, this current
being responsible for the discharge of the holding capacitor with
time causing droop. The ADG441/ADG442/ADG444’s low
leakage current, along with its fast switching speeds, make it
suitable for fast and accurate sample-and-hold circuits.
Typical Performance Characteristics
NMOS
PMOS
P-WELL
N-WELL
BURIED OXIDE LAYER
SUBSTRATE (BACK GATE)
TRENCH
LOCOS
Figure 1. Trench Isolation
170
10
15
90
50
3
0
130
9
VD (VS) – Volts
612
TA = +25°C
150
110
70
30
VDD = +5V
VSS = 0V
VDD = +10V
VSS = 0V
VDD = +12V
VSS = 0V
VDD = +15V
VSS = 0V
100
20
15
60
40
–10
–15
80
10
0
VD (VS) – Volts
–5
5
TA = +25°C
VDD = +5V
VSS = –5V
VDD = +12V
VSS = –12V
VDD = +15V
VSS = –15V
VDD = +10V
VSS = –10V
Figure 3. RON as a Function of VD (VS): Single Supply
Figure 2. RON as a Function of VD (VS): Dual Supply



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com