Electronic Components Datasheet Search
  English  ▼

X  

ADG444 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG444
Description  LC2MOS Quad SPST Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG444 Datasheet(HTML) 9 Page - Analog Devices

  ADG444 Datasheet HTML 1Page - Analog Devices ADG444 Datasheet HTML 2Page - Analog Devices ADG444 Datasheet HTML 3Page - Analog Devices ADG444 Datasheet HTML 4Page - Analog Devices ADG444 Datasheet HTML 5Page - Analog Devices ADG444 Datasheet HTML 6Page - Analog Devices ADG444 Datasheet HTML 7Page - Analog Devices ADG444 Datasheet HTML 8Page - Analog Devices ADG444 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ADG441/ADG442/ADG444
REV. 0
–9–
ORDERING GUIDE
Model
1
Temperature Range
Package Option
2
ADG441BN
–40
°C to +85°C
N-16
ADG441BR
–40
°C to +85°C
R-16A
ADG441TQ
–55
°C to +125°C
Q-16
ADG442BN
–40
°C to +85°C
N-16
ADG442BR
–40
°C to +85°C
R-16A
ADG444BN
–40
°C to +85°C
N-16
ADG444BR
–40
°C to +85°C
R-16A
NOTES
1To order MIL-STD-883, Class B processed parts, add /883B to T grade part
numbers.
2N = Plastic DIP, R = 0.15" Small Outline IC (SOIC), Q = Cerdip. For outline
information see Package Information section.
FOR CATALOG



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com