Electronic Components Datasheet Search
  English  ▼

X  

ADG444 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG444
Description  LC2MOS Quad SPST Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG444 Datasheet(HTML) 1 Page - Analog Devices

  ADG444 Datasheet HTML 1Page - Analog Devices ADG444 Datasheet HTML 2Page - Analog Devices ADG444 Datasheet HTML 3Page - Analog Devices ADG444 Datasheet HTML 4Page - Analog Devices ADG444 Datasheet HTML 5Page - Analog Devices ADG444 Datasheet HTML 6Page - Analog Devices ADG444 Datasheet HTML 7Page - Analog Devices ADG444 Datasheet HTML 8Page - Analog Devices ADG444 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ADG441
ADG444
D4
S4
D3
S3
D2
S2
D1
S1
IN1
IN2
IN3
IN4
ADG442
D4
S4
D3
S3
D2
S2
D1
S1
IN1
IN2
IN3
IN4
SWITCHES SHOWN FOR A LOGIC "1" INPUT
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS Quad SPST Switches
ADG441/ADG442/ADG444
FEATURES
44 V Supply Maximum Ratings
VSS to VDD Analog Signal Range
Low On Resistance (< 70
Ω)
Low
∆R
ON (9 Ω max)
Low RON Match (3 Ω max)
Low Power Dissipation
Fast Switching Times
tON < 110 ns
tOFF < 60 ns
Low Leakage Currents ( 3 nA max)
Low Charge Injection (6 pC max)
Break-Before-Make Switching Action
Latch-Up Proof
Plug-In Upgrade for
DG201A/ADG201A, DG202A/ADG202A,
DG211/ADG211A
Plug in Replacement for DG441/DG442/DG444
APPLICATIONS
Audio and Video Switching
Automatic Test Equipment
Precision Data Acquisition
Battery Powered Systems
Sample Hold Systems
Communication Systems
FUNCTIONAL BLOCK DIAGRAMS
GENERAL DESCRIPTION
The ADG441, ADG442 and ADG444 are monolithic CMOS
devices comprising four independently selectable switches. They
are designed on an enhanced LC
2MOS process that provides
low power dissipation yet gives high switching speed and low on
resistance.
The on resistance profile is very flat over the full analog input
range ensuring good linearity and low distortion when switching
audio signals. High switching speed also makes the parts suit-
able for video signal switching. CMOS construction ensures
ultralow power dissipation making the parts ideally suited for
portable and battery powered instruments.
The ADG441, ADG442 and ADG444 contain four indepen-
dent SPST switches. Each switch of the ADG441 and ADG444
turns on when a logic low is applied to the appropriate control
input. The ADG442 switches are turned on with a logic high on
the appropriate control input. The ADG441 and ADG444
switches differ in that the ADG444 requires a 5 V logic power
supply which is applied to the VL pin. The ADG441 and
ADG442 do not have a VL pin, the logic power supply being
generated internally by an on-chip voltage generator.
Each switch conducts equally well in both directions when ON
and has an input signal range that extends to the power sup-
plies. In the OFF condition, signal levels up to the supplies are
blocked. All switches exhibit break-before-make switching action
for use in multiplexer applications. Inherent in the design is low
charge injection for minimum transients when switching the
digital inputs.
PRODUCT HIGHLIGHTS
1. Extended Signal Range
The ADG441/ADG442/ADG444 are fabricated on an en-
hanced LC
2MOS, trench-isolated process, giving an in-
creased signal range that extends to the supply rails.
2. Low Power Dissipation
3. Low RON
4. Trench Isolation Guards Against Latch Up
A dielectric trench separates the P and N channel transistors
thereby preventing latch up even under severe overvoltage
conditions.
5. Break-Before-Make Switching
This prevents channel shorting when the switches are config-
ured as a multiplexer.
6. Single Supply Operation
For applications where the analog signal is unipolar, the
ADG441/ADG442/ADG444 can be operated from a single
rail power supply. The parts are fully specified with a single
+12 V power supply.


Similar Part No. - ADG444

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG444ABN2 AD-ADG444ABN2 Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
REV. A
ADG444ABR-REEL2 AD-ADG444ABR-REEL2 Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
REV. A
ADG444ABR2 AD-ADG444ABR2 Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
REV. A
ADG444ABRZ AD-ADG444ABRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
REV. A
ADG444ABRZ-REEL1 AD-ADG444ABRZ-REEL1 Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
REV. A
More results

Similar Description - ADG444

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG201A AD-ADG201A Datasheet
228Kb / 6P
LC2MOS QUAD SPST SWITCHES
ADG211A AD-ADG211A Datasheet
277Kb / 8P
LC2MOS QUAD SPST SWITCHES
ADG441BRZ AD-ADG441BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
LC2MOS Quad SPST Switches
REV. C
ADG201AKRZ AD-ADG201AKRZ Datasheet
233Kb / 6P
LC2MOS Quad SPST Switches
REV. A
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
LC2MOS Quad SPST Switches
REV. C
ADG201AKNZ AD-ADG201AKNZ Datasheet
232Kb / 6P
LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com