Electronic Components Datasheet Search
  English  ▼

X  

ADG466 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG466
Description  Triple and Octal Channel Protectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG466 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG466 Datasheet HTML 2Page - Analog Devices ADG466 Datasheet HTML 3Page - Analog Devices ADG466 Datasheet HTML 4Page - Analog Devices ADG466 Datasheet HTML 5Page - Analog Devices ADG466 Datasheet HTML 6Page - Analog Devices ADG466 Datasheet HTML 7Page - Analog Devices ADG466 Datasheet HTML 8Page - Analog Devices ADG466 Datasheet HTML 9Page - Analog Devices ADG466 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ADG466/ADG467
–6–
REV. A
100
10M
1k
10k
100k
1M
FREQUENCY – Hz
40M
105.3
82.8
60.3
37.8
15.3
–7.1
–29.6
–52.1
–76.6
–92.1
Figure 13. Frequency Response (Phase) of the ADG466, VDD/
VSS = ±15 V and Input Signal Level of ±100 mV
10k
40M
100k
1M
10M
FREQUENCY – Hz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
Figure 14. Crosstalk Between Adjacent Channels of the
ADG466, VDD/VSS = ±15 V and Input Signal Level of ±100 mV
10k
40M
100k
1M
10M
FREQUENCY – Hz
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
Figure 15. Off Isolation of the ADG466, VDD/VSS = 0 V and
Input Signal Level of
±100 mV
CH1
760V
1.00V
CH2
1.00V
M 20.0ns
CH1
2
1
TEK RUN: 2.5GS/s ET SAMPLE
18.0ns
22.0ns
Figure 16. Propagation Delay Through ADG466, VDD/VSS =
±15 V, Channel 1 Input and Channel 2 Output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com