Electronic Components Datasheet Search
  English  ▼

X  

ADG466 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG466
Description  Triple and Octal Channel Protectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG466 Datasheet(HTML) 4 Page - Analog Devices

  ADG466 Datasheet HTML 1Page - Analog Devices ADG466 Datasheet HTML 2Page - Analog Devices ADG466 Datasheet HTML 3Page - Analog Devices ADG466 Datasheet HTML 4Page - Analog Devices ADG466 Datasheet HTML 5Page - Analog Devices ADG466 Datasheet HTML 6Page - Analog Devices ADG466 Datasheet HTML 7Page - Analog Devices ADG466 Datasheet HTML 8Page - Analog Devices ADG466 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ADG466/ADG467–Typical Performance Characteristics
–4–
REV. A
ADG466
VD – Volts
80
75
30
–10
10
–5
0
5
60
45
40
35
70
65
50
55
VDD, VSS = 5V
VDD, VSS = 10V
16.5V
VDD, VSS = 13.5V
VDD, VSS = 15V
Figure 1. On Resistance as a Function of VDD and VD
(Input Voltage)
70
65
25
–10
10
–5
0
5
50
40
35
30
60
55
45
125 C
85 C
25 C
–40 C
VD – Volts
VDD = +15V
VSS = –15V
Figure 2. On Resistance as a Function of Temperature
and VD (Input Voltage)
16.5V
ADG467
VD – Volts
105
95
45
–10
10
–5
05
85
75
65
55
5V
15V
13.5V
10V
Figure 3. On Resistance as a Function of VDD and VD
(Input Voltage)
Ch1
10V
500mV
5.00V
Ch2
5.00V
M50.0ns
Ch1
0V
–5V
15V
5V
–5V TO +15V STEP INPUT
CHANNEL PROTECTOR
OUTPUT
POSITIVE OVERVOLTAGE
RLOAD = 100k
ON INPUT
CLOAD = 100pF
VDD = +10V
VSS = –10V
Figure 4. Positive Overvoltage Transience Response
Ch2
500mV
Ch1
5.00V
5.00V
M50.0ns
Ch1
NEGATIVE OVERVOLTAGE
ON INPUT
RLOAD = 100k
CLOAD = 100pF
VDD = +10V
VSS = –10V
CHANNEL PROTECTOR
OUTPUT
5V TO –15V STEP INPUT
–10V
5V
0V
–5V
–15V
Figure 5. Negative Overvoltage Transience Response
1
500mV
5.00V
Ch2
5.00V
M100 s
Ch1
2
OUTPUT
VCLAMP=4V
VCLAMP=4.5V
10V TO +10 V INPUT
RLOAD =100k
VDD=+5V
VSS=–5V
Ch1
20V
Figure 6. Overvoltage Ramp



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com