Electronic Components Datasheet Search
  English  ▼

X  

ADG466 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG466
Description  Triple and Octal Channel Protectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG466 Datasheet(HTML) 1 Page - Analog Devices

  ADG466 Datasheet HTML 1Page - Analog Devices ADG466 Datasheet HTML 2Page - Analog Devices ADG466 Datasheet HTML 3Page - Analog Devices ADG466 Datasheet HTML 4Page - Analog Devices ADG466 Datasheet HTML 5Page - Analog Devices ADG466 Datasheet HTML 6Page - Analog Devices ADG466 Datasheet HTML 7Page - Analog Devices ADG466 Datasheet HTML 8Page - Analog Devices ADG466 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADG466/ADG467
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
Triple and Octal
Channel Protectors
FUNCTIONAL BLOCK DIAGRAMS
ADG466
ADG467
VD1
VD2
VD3
VS1
VS2
VS3
VD1
VD2
VD3
VD8
VS1
VS2
VS3
VS8
VDD
VSS
VDD
VSS
VIN
VDD
VDD
VIN
VOUT
OUTPUT CLAMPED
@ VDD – 1.5V
VOUT
GENERAL DESCRIPTION
The ADG466 and ADG467 are triple and octal channel pro-
tectors, respectively. The channel protector is placed in series
with the signal path. The channel protector will protect sensitive
components from voltage transience in the signal path whether
the power supplies are present or not. Because the channel
protection works whether the supplies are present or not, the
channel protectors are ideal for use in applications where
correct power sequencing can’t always be guaranteed (e.g., hot-
insertion rack systems) to protect analog inputs. This is dis-
cussed further, and some example circuits are given in the
Applications section of this data sheet.
Each channel protector has an independent operation and con-
sists of an n-channel MOSFET, a p-channel MOSFET and an
n-channel MOSFET, connected in series. The channel protec-
tor behaves just like a series resistor during normal operation,
i.e., (VSS + 2 V) < VIN < (VDD – 1.5 V). When a channel’s ana-
log input exceeds the power supplies (including VDD and VSS =
0 V), one of the MOSFETs will switch off, clamping the output
to either VSS + 2 V or VDD – 1.5 V. Circuitry and signal source
protection is provided in the event of an overvoltage or power
loss. The channel protectors can withstand overvoltage inputs
from –40 V to +40 V. See the Circuit Information section of
this data sheet.
The ADG466 and ADG467 can operate off both bipolar and
unipolar supplies. The channels are normally on when power is
connected and open circuit when power is disconnected. With
power supplies of
±15 V, the on-resistance of the ADG466 and
FEATURES
Fault and Overvoltage Protection up to
40 V
Signal Paths Open Circuit with Power Off
Signal Path Resistance of RON with Power On
44 V Supply Maximum Ratings
Low On Resistance
ADG466/ADG467 60
typ
1 nA Max Path Current Leakage @ +25 C
Low RON Match (5
max)
Low Power Dissipation 0.8
W typ
Latch-Up Proof Construction
APPLICATIONS
ATE Equipment
Sensitive Measurement Equipment
Hot-Insertion Rack Systems
ADG467 is 60
Ω typ with a leakage current of ±1 nA max.
When power is disconnected, the input leakage current is ap-
proximately
±5 nA typ.
The ADG466 is available in 8-lead DIP, SOIC and
µSOIC
packages. The ADG467 is available in an 18-lead SOIC package
and a 20-lead SSOP package.
PRODUCT HIGHLIGHTS
1. Fault Protection.
The ADG466 and ADG467 can withstand continuous volt-
age inputs from –40 V to +40 V. When a fault occurs due to
the power supplies being turned off or due to an overvoltage
being applied to the ADG466 and ADG467, the output is
clamped. When power is turned off, current is limited to the
microampere level.
2. Low Power Dissipation.
3. Low RON.
ADG466/ADG467 60
Ω typ.
4. Trench Isolation Latch-Up Proof Construction.
A dielectric trench separates the p- and n-channel MOSFETs
thereby preventing latch-up.


Similar Part No. - ADG466

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG466 AD-ADG466 Datasheet
278Kb / 8P
Triple and Octal Channel Protectors
REV. 0
ADG466 AD-ADG466_15 Datasheet
278Kb / 8P
Triple and Octal Channel Protectors
REV. 0
More results

Similar Description - ADG466

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXF3 BOURNS-TISP70XXF3 Datasheet
496Kb / 16P
LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXL1 BOURNS-TISP70XXL1 Datasheet
244Kb / 10P
TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7015L1 BOURNS-TISP7015L1_08 Datasheet
507Kb / 8P
TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7072F3 BOURNS-TISP7072F3_08 Datasheet
829Kb / 15P
LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7125F3 BOURNS-TISP7125F3_08 Datasheet
988Kb / 19P
MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Analog Devices
ADG466 AD-ADG466_15 Datasheet
278Kb / 8P
Triple and Octal Channel Protectors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com