Electronic Components Datasheet Search
  English  ▼

X  

ADG508F Datasheet(PDF) 3 Page - Analog Devices

Part # ADG508F
Description  4/8 Channel Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG508F Datasheet(HTML) 3 Page - Analog Devices

  ADG508F Datasheet HTML 1Page - Analog Devices ADG508F Datasheet HTML 2Page - Analog Devices ADG508F Datasheet HTML 3Page - Analog Devices ADG508F Datasheet HTML 4Page - Analog Devices ADG508F Datasheet HTML 5Page - Analog Devices ADG508F Datasheet HTML 6Page - Analog Devices ADG508F Datasheet HTML 7Page - Analog Devices ADG508F Datasheet HTML 8Page - Analog Devices ADG508F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADG508F/ADG509F/ADG528F
REV. C
–3–
Table I. ADG508F Truth Table
A2
A1
A0
EN
ON SWITCH
X
X
X
0
NONE
00011
00112
01013
01114
10015
10116
11017
11118
X = Don’t Care
Table II. ADG509F Truth Table
A1
A0
EN
ON SWITCH PAIR
X
X
0
NONE
0011
0112
1013
1114
X = Don’t Care
Table III. ADG528F Truth Table
ON
A2
A1
A0
EN
WR
RS
SWITCH
X
XXX
g
1
Retains Previous Switch Condition
X
XXXX0
NONE (Address and Enable Latches Cleared)
X
X
X
0
0
1
NONE
0
00101
1
0
01101
2
0
10101
3
0
11101
4
1
00101
5
1
01101
6
1
10101
7
1
11101
8
X = Don’t Care
TIMING DIAGRAMS (ADG528F)
tW
50%
50%
tS
tH
0.8V
2V
3V
WR
0V
3V
0V
A0, A1, A2
EN
Figure 1.
Figure 1 shows the timing sequence for latching the switch
address and enable inputs. The latches are level sensitive; there-
fore, while WR is held low, the latches are transparent and the
switches respond to the address and enable inputs. This input
data is latched on the rising edge of WR.
tRS
50%
50%
0.8VO
3V
RS
0V
VO
SWITCH
OUTPUT
tOFF (RS)
0V
Figure 2.
Figure 2 shows the Reset Pulsewidth, tRS, and the Reset Turn-
off Time, tOFF (RS).
Note: All digital input signals rise and fall times are measured
from 10% to 90% of 3 V. tR = tF = 20 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com