Electronic Components Datasheet Search
  English  ▼

X  

ADG508F Datasheet(PDF) 4 Page - Analog Devices

Part # ADG508F
Description  4/8 Channel Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG508F Datasheet(HTML) 4 Page - Analog Devices

  ADG508F Datasheet HTML 1Page - Analog Devices ADG508F Datasheet HTML 2Page - Analog Devices ADG508F Datasheet HTML 3Page - Analog Devices ADG508F Datasheet HTML 4Page - Analog Devices ADG508F Datasheet HTML 5Page - Analog Devices ADG508F Datasheet HTML 6Page - Analog Devices ADG508F Datasheet HTML 7Page - Analog Devices ADG508F Datasheet HTML 8Page - Analog Devices ADG508F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. C
–4–
ADG508F/ADG509F/ADG528F
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VDD to VSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +44 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +25 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –25 V
VEN, VA Digital Input . . . . . . . – 0.3 V to VDD + 2 V or 20 mA,
Whichever Occurs First
VS, Analog Input Overvoltage with Power ON . . . . . VSS – 25 V
to VDD + 40 V
VS, Analog Input Overvoltage with Power OFF
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–40 V to +55 V
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 20 mA
Peak Current, S or D
(Pulsed at 1 ms, 10% Duty Cycle max) . . . . . . . . . . . 40 mA
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (T Version) . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Cerdip Package
θ
JA, Thermal Impedance
16-Lead . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
°C/W
18-Lead . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 73
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . +300
°C
Plastic Package
θ
JA, Thermal Impedance
16-Lead . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 117
°C
18-Lead . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
°C
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . +260
°C
SOIC Package
θ
JA, Thermal Impedance
Narrow Body . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
°C/W
Wide Body . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
PLCC Package
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 90
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
ADG508F/ADG509F PIN CONFIGURATIONS
DIP/SOIC
DIP/SOIC
A0
EN
A1
A2
S2
S3
S4
S5
S6
S7
S1
GND
VDD
DS8
1
2
16
15
5
6
7
12
11
10
3
4
14
13
89
TOP VIEW
(Not to Scale)
ADG508F
VSS
A0
EN
A1
GND
S2A
S3A
S4A
S2B
S3B
S4B
VSS
S1A
VDD
S1B
DA
DB
1
2
16
15
5
6
7
12
11
10
3
4
14
13
89
TOP VIEW
(Not to Scale)
ADG509F
ADG528F PIN CONFIGURATIONS
DIP
PLCC
WR
A0
RS
A1
S1
S2
S3
S5
S6
EN
VSS
A2
S4
S7
D
S8
VDD
GND
1
2
18
17
5
6
7
14
13
12
3
4
16
15
811
910
TOP VIEW
(Not to Scale)
ADG528F
EN
VSS
S3
S1
S2
19
31
220
4
5
8
6
7
12 13
911
10
18
17
14
16
15
TOP VIEW
(Not to Scale)
ADG528F
A2
GND
S6
VDD
S5
NC = NO CONNECT
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although these devices feature proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com