Electronic Components Datasheet Search
  English  ▼

X  

ADG608 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG608
Description  3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG608 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG608 Datasheet HTML 4Page - Analog Devices ADG608 Datasheet HTML 5Page - Analog Devices ADG608 Datasheet HTML 6Page - Analog Devices ADG608 Datasheet HTML 7Page - Analog Devices ADG608 Datasheet HTML 8Page - Analog Devices ADG608 Datasheet HTML 9Page - Analog Devices ADG608 Datasheet HTML 10Page - Analog Devices ADG608 Datasheet HTML 11Page - Analog Devices ADG608 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
–8–
ADG608/ADG609
Test Circuits
VD
S1
S2
S8
VS
VSS
VDD
ID (OFF)
VSS
VDD
+0.8V
D
EN
A
GND
Test Circuit 3. ID (OFF)
ID (ON)
VD
S1
S8
VS
VSS
VDD
VSS
VDD
+2.4V
D
EN
A
GND
Test Circuit 4. ID (ON)
IDS
S
RON = V1/IDS
V1
VS
D
Test Circuit 1. On Resistance
VS
IS (OFF)
VD
S1
S2
S8
VSS
VDD
VSS
VDD
+0.8V
D
EN
A
GND
Test Circuit 2. IS (OFF)
Test Circuit 5. Switching Time of Multiplexer, tTRANSITION
3V
50%
VOUT
tTRANSITION
90%
90%
tTRANSITION
ADDRESS
DRIVE (VIN)
50%
A2
VOUT
VSS
VDD
D
VS1
* SIMILAR CONNECTION FOR ADG609
A1
A0
EN
GND
ADG608*
S1
S8
S2 THRU S7
VIN
+2.4V
50
Ω
VS8
RL
300
Ω
CL
35pF
VSS
VDD
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com