Electronic Components Datasheet Search
  English  ▼

X  

ADG608 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG608
Description  3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG608 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG608 Datasheet HTML 4Page - Analog Devices ADG608 Datasheet HTML 5Page - Analog Devices ADG608 Datasheet HTML 6Page - Analog Devices ADG608 Datasheet HTML 7Page - Analog Devices ADG608 Datasheet HTML 8Page - Analog Devices ADG608 Datasheet HTML 9Page - Analog Devices ADG608 Datasheet HTML 10Page - Analog Devices ADG608 Datasheet HTML 11Page - Analog Devices ADG608 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADG608/ADG609
REV. A
–9–
A2
VOUT
VSS
VDD
D
VS
* SIMILAR CONNECTION FOR ADG609
A1
A0
EN
GND
ADG608
*
S1
S8
S2 THRU S7
VIN
+2.4V
50
Ω
RL
300
Ω
CL
35pF
VSS
VDD
ADDRESS
DRIVE (VIN)
3V
VOUT
tOPEN
80%
80%
0V
Test Circuit 6. Break-Before-Make Delay, tOPEN
3V
50%
OUTPUT
0.9V0
50%
tON (EN)
0.9V0
0V
V0
0V
tOFF (EN)
ENABLE
DRIVE (VIN)
A2
VOUT
VSS
VDD
D
VS
* SIMILAR CONNECTION FOR ADG609
A1
A0
EN
GND
ADG608
*
S1
S2 THRU S8
VIN
50
Ω
RL
300
Ω
CL
35pF
VSS
VDD
Test Circuit 7. Enable Delay, tON (EN), tOFF (EN)
∆ VOUT
3V
VOUT
LOGIC
INPUT (VIN)
QINJ = CL x ∆VOUT
0V
A2
VOUT
VSS
VDD
D
* SIMILAR CONNECTION FOR ADG609
A1
A0
EN
GND
ADG608
*
VIN
CL
1nF
VSS
VDD
S
RS
VS
Test Circuit 8. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com