Electronic Components Datasheet Search
  English  ▼

X  

ADG608 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG608
Description  3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG608 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG608 Datasheet HTML 4Page - Analog Devices ADG608 Datasheet HTML 5Page - Analog Devices ADG608 Datasheet HTML 6Page - Analog Devices ADG608 Datasheet HTML 7Page - Analog Devices ADG608 Datasheet HTML 8Page - Analog Devices ADG608 Datasheet HTML 9Page - Analog Devices ADG608 Datasheet HTML 10Page - Analog Devices ADG608 Datasheet HTML 11Page - Analog Devices ADG608 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADG608/ADG609
REV. A
–11–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Pin Plastic (N-16)
0.840 (21.33)
0.745 (18.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
PIN 1
0.280 (7.11)
0.240 (6.10)
9
16
18
0.210
(5.33)
0.200 (5.05)
0.125 (3.18)
0.022 (0.558)
0.014 (0.356)
0.100
(2.54)
BSC
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
0.070 (1.77)
0.045 (1.15)
16-Pin SOIC (R-16A)
16
9
8
1
0.3937 (10.00)
0.3859 (9.80)
0.2440 (6.20)
0.2284 (5.80)
0.1574 (4.00)
0.1497 (3.80)
PIN 1
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0688 (1.75)
0.0532 (1.35)
0.0500
(1.27)
BSC
0.0099 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
16-Pin TSSOP (RU-16)
16
9
8
1
0.201 (5.10)
0.193 (4.90)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256
(0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
°
0
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com