Electronic Components Datasheet Search
  English  ▼

X  

ADG722 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG722
Description  CMOS Low Voltage 4 ohm Dual SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG722 Datasheet(HTML) 7 Page - Analog Devices

  ADG722 Datasheet HTML 1Page - Analog Devices ADG722 Datasheet HTML 2Page - Analog Devices ADG722 Datasheet HTML 3Page - Analog Devices ADG722 Datasheet HTML 4Page - Analog Devices ADG722 Datasheet HTML 5Page - Analog Devices ADG722 Datasheet HTML 6Page - Analog Devices ADG722 Datasheet HTML 7Page - Analog Devices ADG722 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADG721/ADG722/ADG723
–7–
REV. 0
SD
VDD
IN
VS
GND
CL
1nF
VOUT
RS
VDD
SW ON
VIN
VOUT
VOUT
QINJ = CL
VOUT
SW OFF
Test Circuit 6. Charge Injection
SD
0.1 F
VDD
IN
VS
GND
RL
50
VOUT
VIN
VDD
Test Circuit 7. Off Isolation
SD
0.1 F
VDD
VS
GND
50
VOUT
VIN1
VIN2
RL
50
NC
CHANNEL-TO-CHANNEL
CROSSTALK
= 20
LOG VS/VOUT
VDD
SD
Test Circuit 8. Channel-to-Channel Crosstalk
SD
0.1 F
VDD
IN
VS
GND
RL
50
VOUT
VIN
VDD
Test Circuit 9. Bandwidth



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com