Electronic Components Datasheet Search
  English  ▼

X  

ADG722 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG722
Description  CMOS Low Voltage 4 ohm Dual SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG722 Datasheet(HTML) 1 Page - Analog Devices

  ADG722 Datasheet HTML 1Page - Analog Devices ADG722 Datasheet HTML 2Page - Analog Devices ADG722 Datasheet HTML 3Page - Analog Devices ADG722 Datasheet HTML 4Page - Analog Devices ADG722 Datasheet HTML 5Page - Analog Devices ADG722 Datasheet HTML 6Page - Analog Devices ADG722 Datasheet HTML 7Page - Analog Devices ADG722 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADG721/ADG722/ADG723
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
CMOS
Low Voltage 4
Dual SPST Switches
FUNCTIONAL BLOCK DIAGRAMS
ADG721
IN1
D2
S2
S1
D1
IN2
ADG722
IN1
D2
S2
S1
D1
IN2
ADG723
IN1
D2
S2
S1
D1
IN2
SWITCHES SHOWN FOR A LOGIC "0" INPUT
FEATURES
+1.8 V to +5.5 V Single Supply
4
(Max) On Resistance
Low On-Resistance Flatness
–3 dB Bandwidth >200 MHz
Rail-to-Rail Operation
8-Lead
SOIC Package
Fast Switching Times
tON 20 ns
tOFF 10 ns
Low Power Consumption (<0.1
W)
TTL/CMOS Compatible
APPLICATIONS
Battery Powered Systems
Communication Systems
Sample Hold Systems
Audio Signal Routing
Video Switching
Mechanical Reed Relay Replacement
GENERAL DESCRIPTION
The ADG721, ADG722 and ADG723 are monolithic CMOS
SPST switches. These switches are designed on an advanced
submicron process that provides low power dissipation yet gives
high switching speed, low On resistance and low leakage currents.
The ADG721, ADG722 and ADG723 are designed to operate
from a single +1.8 V to +5.5 V supply, making them ideal for
use in battery powered instruments and with the new generation
of DACs and ADCs from Analog Devices.
The ADG721, ADG722 and ADG723 contain two independent
single-pole/single-throw (SPST) switches. The ADG721 and
ADG722 differ only in that both switches are normally open and
normally closed respectively. While in the ADG723, Switch 1 is
normally open and Switch 2 is normally closed.
Each switch of the ADG721, ADG722 and ADG723 conducts
equally well in both directions when on. The ADG723 exhibits
break-before-make switching action.
PRODUCT HIGHLIGHTS
1. +1.8 V to +5.5 V Single Supply Operation. The ADG721,
ADG722 and ADG723 offers high performance, including
low on resistance and fast switching times and is fully speci-
fied and guaranteed with +3 V and +5 V supply rails.
2. Very Low RON (4
Ω max at 5 V, 10 Ω max at 3 V). At 1.8 V
operation, RON is typically 40
Ω over the temperature range.
3. Low On-Resistance Flatness.
4. –3 dB Bandwidth >200 MHz.
5. Low Power Dissipation. CMOS construction ensures low
power dissipation.
6. Fast tON/tOFF.
7. 8-Lead
µSOIC.


Similar Part No. - ADG722

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG722ACPZ-REEL AD-ADG722ACPZ-REEL Datasheet
274Kb / 16P
CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG722ACPZ-REEL7 AD-ADG722ACPZ-REEL7 Datasheet
274Kb / 16P
CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG722BRM AD-ADG722BRM Datasheet
274Kb / 16P
CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG722BRM-REEL7 AD-ADG722BRM-REEL7 Datasheet
274Kb / 16P
CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
ADG722BRMZ AD-ADG722BRMZ Datasheet
274Kb / 16P
CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Rev. E
More results

Similar Description - ADG722

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG621 AD-ADG621 Datasheet
141Kb / 12P
CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV.0
ADG711 AD-ADG711 Datasheet
119Kb / 8P
CMOS Low Voltage 4 ohm Quad SPST Switches
REV.0
ADG801 AD-ADG801 Datasheet
76Kb / 9P
<0.5 ohm CMOS, Low Voltage, SPST Switches
logo
Maxim Integrated Produc...
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4641 MAXIM-MAX4641 Datasheet
198Kb / 10P
High-Speed, Low-Voltage, 4?? Dual SPST CMOS Analog Switches
Rev 1; 2/02
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4645 MAXIM-MAX4645 Datasheet
202Kb / 11P
Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Rev 1; 7/00
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
CMOS Low Voltage 2 OHM SPST Switches
11/06-Revision 0
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com