Electronic Components Datasheet Search
  English  ▼

X  

ADG722 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG722
Description  CMOS Low Voltage 4 ohm Dual SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG722 Datasheet(HTML) 3 Page - Analog Devices

  ADG722 Datasheet HTML 1Page - Analog Devices ADG722 Datasheet HTML 2Page - Analog Devices ADG722 Datasheet HTML 3Page - Analog Devices ADG722 Datasheet HTML 4Page - Analog Devices ADG722 Datasheet HTML 5Page - Analog Devices ADG722 Datasheet HTML 6Page - Analog Devices ADG722 Datasheet HTML 7Page - Analog Devices ADG722 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
–3–
REV. 0
ADG721/ADG722/ADG723
(VDD = +3 V
10%, GND = 0 V. All specifications –40 C to +85 C, unless otherwise noted.)
SPECIFICATIONS1
B Version
–40 C to
Parameter
+25 C
+85 C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
6.5
Ω typ
VS = 0 V to VDD, IS = –10 mA
10
Ω max
Test Circuit 1
On Resistance Match Between
Channels (
∆R
ON)
0.3
Ω typ
VS = 0 V to VDD, IS = –10 mA
1.0
Ω max
On-Resistance Flatness (RFLAT(ON))
3.5
Ω typ
VS = 0 V to VDD, IS = –10 mA
LEAKAGE CURRENTS
VDD = +3.3 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V
±0.25
±0.35
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V
±0.25
±0.35
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VS = VD = 1 V, or 3 V
±0.25
±0.35
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.4
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
DYNAMIC CHARACTERISTICS2
tON
16
ns typ
RL = 300 Ω, CL = 35 pF
24
ns max
VS = 2 V, Test Circuit 4
tOFF
7
ns typ
RL = 300 Ω, CL = 35 pF
11
ns max
VS = 2 V, Test Circuit 4
Break-Before-Make Time Delay, tD
7
ns typ
RL = 300 Ω, CL = 35 pF,
(ADG723 Only)
1
ns min
VS1 = VS2 = 2 V, Test Circuit 5
Charge Injection
2
pC typ
VS = 1.5 V; RS = 0 Ω, CL = 1 nF,
Test Circuit 6
Off Isolation
–60
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
–80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
Test Circuit 7
Channel-to-Channel Crosstalk
–77
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
–97
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
Test Circuit 8
Bandwidth –3 dB
200
MHz typ
RL = 50 Ω, CL = 5 pF,
Test Circuit 9
CS (OFF)
7
pF typ
CD (OFF)
7
pF typ
CD, CS (ON)
18
pF typ
POWER REQUIREMENTS
VDD = +3.3 V
Digital Inputs = 0 V or 3 V
IDD
0.001
µA typ
1.0
µA max
NOTES
1Temperature ranges are as follows: B Version, –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com