Electronic Components Datasheet Search
  English  ▼

X  

ADG731 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG731
Description  16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG731 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG731 Datasheet HTML 2Page - Analog Devices ADG731 Datasheet HTML 3Page - Analog Devices ADG731 Datasheet HTML 4Page - Analog Devices ADG731 Datasheet HTML 5Page - Analog Devices ADG731 Datasheet HTML 6Page - Analog Devices ADG731 Datasheet HTML 7Page - Analog Devices ADG731 Datasheet HTML 8Page - Analog Devices ADG731 Datasheet HTML 9Page - Analog Devices ADG731 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
–6–
REV. PrD
ADG725/ADG731
PRELIMINARY TECHNICAL DATA
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
VDD to VSS
+7 V
VDD to GND
–0.3 V to +7 V
VSS to GND
+0.3 V to -7 V
Analog Inputs
2
VSS - 0.3 V to VDD +0.3 Vor
30 mA, Whichever Occurs First
Digital Inputs
2
-0.3V to VDD +0.3 V or
30 mA, Whichever Occurs First
Peak Current, S or D
60mA
(Pulsed at 1 ms, 10% Duty Cycle max)
Continuous Current, S or D
30mA
Operating Temperature Range
Industrial (B Version)
–40°C to +85°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADG725/ADG731 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Storage Temperature Range
–65°C to +150°C
Junction Temperature
+150°C
48 lead CSP
θ
JA Thermal Impedance
TBD°C/W
48 lead TQFP
θ
JA Thermal Impedance
TBD°C/W
Lead Temperature, Soldering (10seconds)
300°C
IR Reflow, Peak Temperature
+220°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Only one absolute maximum rating may
be applied at any one time.
2Overvoltages at SCLK,
SYNC, DIN, RS, S or D will be clamped by internal diodes.
Current should be limited to the maximum ratings given.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG725BCP
-40
oC to +85 oC
Chip Scale Package (CSP)
CP-48
ADG725BSU
-40
oC to +85 oC
Thin Quad Flatpack
SU-48
ADG731BCP
-40
oC to +85 oC
Chip Scale Package (CSP)
CP-48
ADG731BSU
-40
oC to +85 oC
Thin Quad Flatpack
SU-48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com