Electronic Components Datasheet Search
  English  ▼

X  

ADG731 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG731
Description  16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG731 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG731 Datasheet HTML 5Page - Analog Devices ADG731 Datasheet HTML 6Page - Analog Devices ADG731 Datasheet HTML 7Page - Analog Devices ADG731 Datasheet HTML 8Page - Analog Devices ADG731 Datasheet HTML 9Page - Analog Devices ADG731 Datasheet HTML 10Page - Analog Devices ADG731 Datasheet HTML 11Page - Analog Devices ADG731 Datasheet HTML 12Page - Analog Devices ADG731 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ADG725/ADG731
–9–
REV. PrD
PRELIMINARY TECHNICAL DATA
VDD
Most positive power supply potential.
VSS
Most Negative power supply in a dual supply application. In single supply applications, connect to GND.
IDD
Positive supply current.
ISS
Negative supply current.
G N D
Ground (0 V) reference.
S
Source terminal. May be an input or output.
D
Drain terminal. May be an input or output.
I N
Logic control input.
VD (VS)
Analog voltage on terminals D, S
RON
Ohmic resistance between D and S.
∆R
ON
On resistance match between any two channels, i.e. RONmax - RONmin
RFLAT(ON)
Flatness is defined as the difference between the maximum and minimum value of on-resistance as mea
sured over the specified analog signal range.
IS (OFF)
Source leakage current with the switch “OFF.”
ID (OFF)
Drain leakage current with the switch “OFF.”
ID, IS (ON)
Channel leakage current with the switch “ON.”
VINL
Maximum input voltage for logic “0”.
VINH
Minimum input voltage for logic “1”.
IINL(IINH)
Input current of the digital input.
CS (OFF)
“OFF” switch source capacitance. Measured with reference to ground.
CD (OFF)
“OFF” switch drain capacitance. Measured with reference to ground.
CD,CS(ON)
“ON” switch capacitance. Measured with reference to ground.
CIN
Digital input capacitance.
tTRANSITION
Delay time measured between the 50% and 90% points of the SYNC and the switch “ON” condi
tion when switching from one address state to another.
tOPEN
“OFF” time measured between the 80% points of both switches when switching from one address state to
another.
Charge
A measure of the glitch impulse transferred from the digital input to the analog output during switching.
Injection
Off Isolation A measure of unwanted signal coupling through an “OFF” switch.
Crosstalk
A measure of unwanted signal is coupled through from one channel to another as a result of parasitic
capacitance.
On Response The Frequency response of the “ON” switch.
Insertion
The loss due to the ON resistance of the switch.
Loss
TERMINOLOGY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com