Electronic Components Datasheet Search
  English  ▼

X  

ADG728 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG728
Description  CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG728 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG728 Datasheet HTML 3Page - Analog Devices ADG728 Datasheet HTML 4Page - Analog Devices ADG728 Datasheet HTML 5Page - Analog Devices ADG728 Datasheet HTML 6Page - Analog Devices ADG728 Datasheet HTML 7Page - Analog Devices ADG728 Datasheet HTML 8Page - Analog Devices ADG728 Datasheet HTML 9Page - Analog Devices ADG728 Datasheet HTML 10Page - Analog Devices ADG728 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TA = 25 C
VSS = 0V
VDD = 4.5V
VDD = 5.5V
VDD = 3.3V
VDD = 2.7V
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0
0
1
2
3
4
5
6
7
8
12345
Figure 2. On Resistance as a Function
of VD (VS) for Single Supply
–0.12
0
–0.08
–0.04
0.00
0.04
0.08
0.12
1
2
345
VDD = 5V
VSS = 0V
TA = 25 C
ID (ON)
IS (OFF)
ID (OFF)
VD (VS) – Volts
Figure 5. Leakage Currents as a Func-
tion of VD (VS)
–0.05
15
0.05
0.15
0.20
0.30
0.35
25
TEMPERATURE – C
0.25
0.10
0.00
35
45
55
65
75
85
VDD = 3V
VSS = 0V
ID (OFF)
ID (ON)
IS (OFF)
Figure 8. Leakage Currents as a Func-
tion of Temperature
Typical Performance Characteristics–ADG728/ADG729
–7–
REV. 0
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0
0
1
2
3
4
5
6
7
8
1
2
345
–40 C
+25 C
VDD = 5V
VSS = 0V
+85 C
Figure 3. On Resistance as a Function
of VD (VS) for Different Temperatures,
Single Supply
–0.12
0
–0.08
–0.04
0.00
0.04
0.08
0.12
3.0
VD (VS) – Volts
2.5
2.0
1.5
1.0
0.5
VDD = 3V
VSS = 0V
TA = 25 C
ID (ON)
ID (OFF)
IS (OFF)
Figure 6. Leakage Currents as a Func-
tion of VD (VS)
1
10k
10
1m
FREQUENCY – Hz
100
100k
1M
VDD = 3V
VDD = 5V
TA = 25 C
Figure 9. Input Current vs. Switch-
ing Frequency
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0
0
1
2
3
4
5
6
7
8
3.0
2.5
2.0
1.5
1.0
0.5
+25 C
–40 C
+85 C
VDD = 3V
VSS = 0V
Figure 4. On Resistance as a Function
of VD (VS) for Different Temperatures,
Single Supply
–0.05
15
0.05
0.15
0.20
0.30
0.35
25
TEMPERATURE – C
0.25
0.10
0.00
35
45
55
65
75
85
VDD = 5V
VSS = 0V
ID (ON)
ID (OFF)
IS (OFF)
Figure 7. Leakage Currents as a
Function of Temperature
VOLTAGE – Volts
–40
0
–30
–20
–10
0
10
20
1
2
345
TA = 25 C
VDD = 3V
VSS = 0V
VDD = 5V
VSS = 0V
Figure 10. Charge Injection vs. Source
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com