Electronic Components Datasheet Search
  English  ▼

X  

ADG728 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG728
Description  CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG728 Datasheet(HTML) 2 Page - Analog Devices

  ADG728 Datasheet HTML 1Page - Analog Devices ADG728 Datasheet HTML 2Page - Analog Devices ADG728 Datasheet HTML 3Page - Analog Devices ADG728 Datasheet HTML 4Page - Analog Devices ADG728 Datasheet HTML 5Page - Analog Devices ADG728 Datasheet HTML 6Page - Analog Devices ADG728 Datasheet HTML 7Page - Analog Devices ADG728 Datasheet HTML 8Page - Analog Devices ADG728 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
ADG728/ADG729–SPECIFICATIONS1(V
DD = 5 V
10%, GND = 0 V, unless otherwise noted.)
B Version
–40 C
Parameter
25 C
to +85 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
2.5
Ω typ
VS = 0 V to VDD, IS = 10 mA;
4.5
5
Ω max
Test Circuit 1
On-Resistance Match Between
0.4
Ω typ
VS = 0 V to VDD, IS = 10 mA
Channels (
∆R
ON)
0.8
Ω max
On-Resistance Flatness (RFLAT(ON))
0.75
Ω typ
VS = 0 V to VDD, IS = 10 mA
1.2
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VD = 4.5 V/1 V, VS = 1 V/4.5 V, Test Circuit 2
±0.1
±0.3
nA max
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VD = 4.5 V/1 V, VD = 1 V/4.5 V, Test Circuit 3
±0.1
±1
nA max
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VD = VS = 4.5 V/1 V, Test Circuit 4
±0.1
±1
nA max
LOGIC INPUTS (A0, A1)
2
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
±0.1
µA max
CIN, Input Capacitance
6
pF typ
LOGIC INPUTS (SCL, SDA)
2
Input High Voltage, VINH
0.7 VDD
V min
VDD + 0.3
V max
Input Low Voltage, VINL
–0.3
V min
0.3 VDD
V max
IIN, Input Leakage Current
0.005
µA typ
VIN = 0 V to VDD
±1.0
µA max
VHYST, Input Hysteresis
0.05 VDD
V min
CIN, Input Capacitance
6
pF typ
LOGIC OUTPUT (SDA)
2
VOL, Output Low Voltage
0.4
V max
ISINK = 3 mA
0.6
V max
ISINK = 6 mA
DYNAMIC CHARACTERISTICS
2
tON
95
ns typ
RL = 300
Ω, C
L = 35 pF, Test Circuit 5;
140
ns max
VS1 = 3 V
tOFF
85
ns typ
VS1 = 3 V, RL = 300
Ω, C
L = 35 pF;
130
ns max
Test Circuit 5
Break-Before-Make Time Delay, tD
8
ns typ
RL = 300
Ω, C
L = 35 pF;
1ns min
VS1 = VS2 = 3 V, Test Circuit 5
Charge Injection
±3
pC typ
VS = 2.5 V, RS = 0
Ω, C
L = 1 nF;
Test Circuit 6
Off Isolation
–55
dB typ
RL = 50
Ω, C
L = 5 pF, f = 10 MHz;
–75
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 8
Channel-to-Channel Crosstalk
–55
dB typ
RL = 50
Ω, C
L = 5 pF, f = 10 MHz;
–75
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 7
–3 dB Bandwidth
ADG728
65
MHz typ
RL = 50
Ω, C
L = 5 pF, Test Circuit 8
ADG729
100
MHz typ
CS (OFF)
13
pF typ
CD (OFF)
ADG728
85
pF typ
ADG729
42
pF typ
CD, CS (ON)
ADG728
96
pF typ
ADG729
48
pF typ
POWER REQUIREMENTS
VDD = 5.5 V
IDD
10
µA typ
Digital Inputs = 0 V or 5.5 V
20
µA max
NOTES
1Temperature range is as follows: B Version: –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com