Electronic Components Datasheet Search
  English  ▼

X  

ADG728 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG728
Description  CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG728 Datasheet(HTML) 4 Page - Analog Devices

  ADG728 Datasheet HTML 1Page - Analog Devices ADG728 Datasheet HTML 2Page - Analog Devices ADG728 Datasheet HTML 3Page - Analog Devices ADG728 Datasheet HTML 4Page - Analog Devices ADG728 Datasheet HTML 5Page - Analog Devices ADG728 Datasheet HTML 6Page - Analog Devices ADG728 Datasheet HTML 7Page - Analog Devices ADG728 Datasheet HTML 8Page - Analog Devices ADG728 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
REV. 0
ADG728/ADG729
TIMING CHARACTERISTICS1
Parameter
Limit at TMIN, TMAX
Unit
Conditions/Comments
fSCL
400
kHz max
SCL Clock Frequency
t1
2.5
ms min
SCL Cycle Time
t2
0.6
ms min
tHIGH, SCL High Time
t3
1.3
ms min
tLOW, SCL Low Time
t4
0.6
ms min
tHD, STA, Start/Repeated Start Condition Hold Time
t5
100
ns min
tSU, DAT, Data Setup Time
t6
2
0.9
ms max
tHD, DAT, Data Hold Time
0ms min
t7
0.6
ms min
tSU, STA, Setup Time for Repeated Start
t8
0.6
ms min
tSU, STO, Stop Condition Setup Time
t9
1.3
ms min
tBUF, Bus Free Time Between a STOP Condition and
a Start Condition
t10
300
ns max
tR, Rise Time of Both SCL and SDA when Receiving
20 + 0.1Cb
3
ns min
t11
250
ns max
tF, Fall Time of SDA when Receiving
300
ns max
tF, Fall Time of SDA when Transmitting
20 + 0.1Cb
3
ns min
Cb
400
pF max
Capacitive Load for Each Bus Line
tSP
4
50
ns max
Pulsewidth of Spike Suppressed
NOTES
1See Figure 1.
2A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the V
IH min of the SCL signal) in order to bridge the undefined region of
the falling edge of SCL.
3C
b is the total capacitance of one bus line in pF. t R and tF measured between 0.3 VDD and 0.7 VDD.
4Input filtering on both the SCL and SDA inputs suppress noise spikes which are less than 50 ns.
Specifications subject to change without notice.
t3
t2
t1
t4
t8
t6
t5
t9
t7
t4
t11
t10
SDA
SCL
START
CONDITION
START
CONDITION
REPEATED
START
CONDITION
STOP
CONDITION
Figure 1. 2-Wire Serial Interface Timing Diagram
(VDD = 2.7 V to 5.5 V. All specifications –40 C to +85 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com