Electronic Components Datasheet Search
  English  ▼

X  

ADG758 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG758
Description  3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG758 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG758 Datasheet HTML 4Page - Analog Devices ADG758 Datasheet HTML 5Page - Analog Devices ADG758 Datasheet HTML 6Page - Analog Devices ADG758 Datasheet HTML 7Page - Analog Devices ADG758 Datasheet HTML 8Page - Analog Devices ADG758 Datasheet HTML 9Page - Analog Devices ADG758 Datasheet HTML 10Page - Analog Devices ADG758 Datasheet HTML 11Page - Analog Devices ADG758 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADG758/ADG759
–8–
REV. A
0
0.5
0.12
1.0
1.5
2.0
3.0
VDD = 3V
VSS = 0V
TA = 25 C
0.08
0.04
0.00
–0.04
–0.08
–0.12
2.5
IS (OFF)
ID (OFF)
VS, (VD = VDD – VS) – V
ID (ON), VS = VD
TPC 7. Leakage Currents as a Function of VD (VS)
–3.0
0.12
VDD = +2.5V
VSS = –2.5V
TA = 25 C
0.08
0.04
0.00
–0.04
–0.08
–0.12
–2.5 –2.0 –1.5 –1.0
0
0.5
1.0
1.5
2.0
2.5
IS (OFF)
ID (OFF)
–0.5
3.0
VS, (VD = VDD – VS) – V
ID (ON), VS = VD
TPC 8. Leakage Currents as a Function of VD (VS)
TEMPERATURE – C
15
VDD = 5V, VSS = 0V
VDD = +2.5V, VSS = –2.5V
–0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
25
35
45
55
65
75
85
ID (ON)
IS (OFF)
ID (OFF)
TPC 9. Leakage Currents as a Function of Temperature
TEMPERATURE – C
15
VDD = 3V
VSS = 0V
–0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
25
35
45
55
65
75
85
ID (ON)
IS (OFF)
ID (OFF)
TPC 10. Leakage Currents as a Function of Temperature
FREQUENCY – Hz
10m
10
1m
100
10
1
100n
10n
1n
100
1k
10k
100k
1M
10M
TA = 25 C
VDD = +2.5V
VSS = –2.5V
VDD = +3V
VDD = +5V
TPC 11. Supply Current vs. Input Switching Frequency
FREQUENCY – Hz
0
30k
–20
–40
–60
–80
–100
–120
100k
1M
10M
100M
VDD = 5V
TA = 25 C
TPC 12. OFF Isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com