Electronic Components Datasheet Search
  English  ▼

X  

ADG758 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG758
Description  3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG758 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG758 Datasheet HTML 4Page - Analog Devices ADG758 Datasheet HTML 5Page - Analog Devices ADG758 Datasheet HTML 6Page - Analog Devices ADG758 Datasheet HTML 7Page - Analog Devices ADG758 Datasheet HTML 8Page - Analog Devices ADG758 Datasheet HTML 9Page - Analog Devices ADG758 Datasheet HTML 10Page - Analog Devices ADG758 Datasheet HTML 11Page - Analog Devices ADG758 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADG758/ADG759
–11–
REV. A
OUTPUT
3V
50%
ENABLE
DRIVE (VIN)
50%
0V
V0
tON (EN)
0V
0.9V0
0.9V0
tOFF (EN)
A2
D
*SIMILAR CONNECTION FOR ADG759
A1
A0
EN
GND
ADG758*
S1
S2 THRU S8
VIN
35pF
VDD
VSS
VDD
VSS
VS
300
RL
CL
VOUT
50
Test Circuit 7. Enable Delay, tON (EN), tOFF (EN)
LOGIC INPUT
(VIN)
3V
0V
VOUT
QINJ = CL
VOUT
VOUT
A2
VOUT
VDD
D
A1
A0
EN
GND
ADG758*
CL
1nF
VDD
S
VIN
RS
VSS
VSS
VS
*SIMILAR CONNECTION FOR ADG759
Test Circuit 8. Charge Injection
VS
VOUT
50
NETWORK
ANALYZER
RL
50
GND
S
D
VS
OFF ISOLATION = 20 LOG
VOUT
0.1 F
VDD
A2
A1
A0
EN
2.4V
0.1 F
VSS
VDD
VSS
50
Test Circuit 9. OFF Isolation
*SIMILAR CONNECTION FOR ADG759
CHANNEL-TO-CHANNEL
CROSSTALK = 20 LOG
VOUT
VS
A2
D
A1
A0
EN
GND
ADG758*
S1
S2
S8
2.4V
NETWORK
ANALYZER
NETWORK
ANALYZER
RL
50
VOUT
VDD
0.1 F
VSS
0.1 F
VDD
VSS
50
VS
50
Test Circuit 10. Channel-to-Channel Crosstalk
VS
VOUT
50
NETWORK
ANALYZER
RL
50
GND
S
D
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
INSERTION LOSS = 20 LOG
0.1 F
VDD
A2
A1
A0
EN
2.4V
0.1 F
VSS
VDD
VSS
Test Circuit 11. Bandwidth
Power-Supply Sequencing
When using CMOS devices, care must be taken to ensure correct
power-supply sequencing. Incorrect power-supply sequencing
can result in the device being subjected to stresses beyond the
maximum ratings listed in the data sheet. Digital and analog
inputs should always be applied after power supplies and ground.
For single-supply operation, VSS should be tied to GND as close
to the device as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com