Electronic Components Datasheet Search
  English  ▼

X  

ADG758 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG758
Description  3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG758 Datasheet(HTML) 1 Page - Analog Devices

  ADG758 Datasheet HTML 1Page - Analog Devices ADG758 Datasheet HTML 2Page - Analog Devices ADG758 Datasheet HTML 3Page - Analog Devices ADG758 Datasheet HTML 4Page - Analog Devices ADG758 Datasheet HTML 5Page - Analog Devices ADG758 Datasheet HTML 6Page - Analog Devices ADG758 Datasheet HTML 7Page - Analog Devices ADG758 Datasheet HTML 8Page - Analog Devices ADG758 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADG758/ADG759
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
3
, 4-/8-Channel Multiplexers
in Chip Scale Package
FUNCTIONAL BLOCK DIAGRAMS
S1
S8
A0
D
A1
A2
ADG758
S1A
A0
DA
S4A
S1B
S4B
DB
EN
ADG759
1 OF 4
DECODER
EN
1 OF 8
DECODER
A1
FEATURES
1.8 V to 5.5 V Single Supply
2.5 V Dual Supply
3
ON Resistance
0.75
ON Resistance Flatness
100 pA Leakage Currents
14 ns Switching Times
Single 8-to-1 Multiplexer ADG758
Differential 4-to-1 Multiplexer ADG759
20-Lead 4 mm
4 mm Chip Scale Package
Low Power Consumption
TTL-/CMOS-Compatible Inputs
For Functionally Equivalent Devices in 16-Lead TSSOP
Package, See ADG708/ADG709
APPLICATIONS
Data Acquisition Systems
Communication Systems
Relay Replacement
Audio and Video Switching
Battery-Powered Systems
GENERAL DESCRIPTION
The ADG758 and ADG759 are low voltage, CMOS analog
multiplexers comprising eight single channels and four differential
channels, respectively. The ADG758 switches one of eight inputs
(S1–S8) to a common output, D, as determined by the 3-bit
binary address lines A0, A1, and A2. The ADG759 switches one
of four differential inputs to a common differential output as
determined by the 2-bit binary address lines A0 and A1. An EN
input on both devices is used to enable or disable the device. When
disabled, all channels are switched OFF.
Low power consumption and an operating supply range of 1.8 V to
5.5 V make the ADG758 and ADG759 ideal for battery-powered,
portable instruments. All channels exhibit break-before-make
switching action preventing momentary shorting when switch-
ing channels.
These switches are designed on an enhanced submicron process
that provides low power dissipation yet gives high switching
speed, very low ON resistance and leakage currents. ON resistance
is in the region of a few ohms and is closely matched between
switches and very flat over the full signal range. These parts can
operate equally well as either multiplexers or demultiplexers
and have an input signal range that extends to the supplies.
The ADG758 and ADG759 are available in 20-lead chip
scale packages.
PRODUCT HIGHLIGHTS
1. Small 20-Lead 4 mm
× 4 mm Chip Scale Packages (CSP).
2. Single/Dual Supply Operation. The ADG758 and ADG759
are fully specified and guaranteed with 3 V and 5 V single-
supply and
±2.5 V dual-supply rails.
3. Low RON (3
Ω Typical).
4. Low Power Consumption (<0.01
µW).
5. Guaranteed Break-Before-Make Switching Action.


Similar Part No. - ADG758

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG758 AD-ADG758 Datasheet
359Kb / 12P
4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758BCPZ AD-ADG758BCPZ Datasheet
359Kb / 12P
3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758BCPZ-REEL7 AD-ADG758BCPZ-REEL7 Datasheet
359Kb / 12P
3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
4-/8-Channel Multiplexers in Chip Scale Package
REV. B
More results

Similar Description - ADG758

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG708 AD-ADG708 Datasheet
142Kb / 12P
CMOS, 3 ohm Low Voltage 4-/8-Channel Multiplexers
REV.0
ADG781 AD-ADG781 Datasheet
169Kb / 8P
2.5 ohm Quad SPST Switches in Chip Scale Package
logo
California Micro Device...
PACDN1408C CALMIRCO-PACDN1408C Datasheet
747Kb / 3P
ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
logo
Analog Devices
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
4 / 8 Channel Analog Multiplexers
logo
ON Semiconductor
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
logo
Analog Devices
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
4-/8-Channel Analog Multiplexers
REV. B
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
4-/8-Channel Multiplexers in Chip Scale Package
REV. B
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com