Electronic Components Datasheet Search
  English  ▼

X  

ADG774 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG774
Description  CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774 Datasheet(HTML) 8 Page - Analog Devices

  ADG774 Datasheet HTML 1Page - Analog Devices ADG774 Datasheet HTML 2Page - Analog Devices ADG774 Datasheet HTML 3Page - Analog Devices ADG774 Datasheet HTML 4Page - Analog Devices ADG774 Datasheet HTML 5Page - Analog Devices ADG774 Datasheet HTML 6Page - Analog Devices ADG774 Datasheet HTML 7Page - Analog Devices ADG774 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADG774
–8–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead SOIC
(R-16A)
16
9
8
1
0.3937 (10.00)
0.3859 (9.80)
0.2550 (6.20)
0.2284 (5.80)
0.1574 (4.00)
0.1497 (3.80)
PIN 1
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0688 (1.75)
0.0532 (1.35)
0.0500
(1.27)
BSC
0.0099 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
0.1 F
+5V
VS
D1
VDD
GND
EN
S1A
S2A
100
VIN
D2
NC
VOUT
RL
100
CHANNEL-TO-CHANNEL
CROSSTALK = 20
LOG |VS/VOUT|
Test Circuit 8. Channel-to-Channel Crosstalk
+5V
EN
S1A
VDD
CL
1nF
S1B
VIN
VOUT
3V
VOUT
QINJ = CL
VOUT
CL
1nF
CL
1nF
CL
1nF
D1 VOUT
D2 VOUT
D3 VOUT
D4 VOUT
ADG774
1 OF 2
DECODER
IN
S2A
S2B
S3A
S3B
S4A
S4B
VS
RS
Test Circuit 9. Charge Injection
16-Lead QSOP
(RQ-16)
16
9
8
1
0.197 (5.00)
0.189 (4.80)
0.244 (6.20)
0.228 (5.79)
PIN 1
0.157 (3.99)
0.150 (3.81)
SEATING
PLANE
0.010 (0.25)
0.004 (0.10)
0.012 (0.30)
0.008 (0.20)
0.025
(0.64)
BSC
0.059 (1.50)
MAX
0.069 (1.75)
0.053 (1.35)
0.010 (0.20)
0.007 (0.18)
0.050 (1.27)
0.016 (0.41)
8
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com