Electronic Components Datasheet Search
  English  ▼

X  

ADG774 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG774
Description  CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG774 Datasheet(HTML) 1 Page - Analog Devices

  ADG774 Datasheet HTML 1Page - Analog Devices ADG774 Datasheet HTML 2Page - Analog Devices ADG774 Datasheet HTML 3Page - Analog Devices ADG774 Datasheet HTML 4Page - Analog Devices ADG774 Datasheet HTML 5Page - Analog Devices ADG774 Datasheet HTML 6Page - Analog Devices ADG774 Datasheet HTML 7Page - Analog Devices ADG774 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADG774
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
CMOS
3 V/5 V, Wide Bandwidth Quad 2:1 Mux
FUNCTIONAL BLOCK DIAGRAM
1 OF 2
DECODER
ADG774
EN
IN
S1A
S1B
S2A
S2B
S3A
S3B
S4A
S4B
D1
D2
D3
D4
FEATURES
Low Insertion Loss and On Resistance: 4
Typical
On-Resistance Flatness <2
Bandwidth >200 MHz
Single 3 V/5 V Supply Operation
Rail-to-Rail Operation
Very Low Distortion: <1%
Low Quiescent Supply Current (100 nA Typical)
Fast Switching Times
tON 10 ns
tOFF 4 ns
TTL/CMOS Compatible
APPLICATIONS
10/100 Base-TX/T4
100VG-AnyLAN
Token Ring 4 Mbps/16 Mbps
ATM25/155
NIC Adapter and Hubs
Audio and Video Switching
Relay Replacement
GENERAL DESCRIPTION
The ADG774 is a monolithic CMOS device comprising four
2:1 multiplexer/demultiplexers with high impedance outputs.
The CMOS process provides low power dissipation yet gives
high switching speed and low on resistance. The on-resistance
variation is typically less than 0.5
Ω with an input signal ranging
from 0 V to 5 V.
The bandwidth of the ADG774 is greater than 200 MHz and
this, coupled with low distortion (typically 0.5%), makes the
part suitable for switching fast ethernet signals.
The on-resistance profile is very flat over the full analog input
range ensuring excellent linearity and low distortion when switch-
ing audio signals. Fast switching speed, coupled with high signal
bandwidth, also makes the parts suitable for video signal switch-
ing. CMOS construction ensures ultralow power dissipation
making the parts ideally suited for portable and battery powered
instruments.
The ADG774 operates from a single 3.3 V/5 V supply and is
TTL logic compatible. The control logic for each switch is shown
in the Truth Table.
These switches conduct equally well in both directions when ON,
and have an input signal range that extends to the supplies. In
the OFF condition, signal levels up to the supplies are blocked.
The ADG774 switches exhibit break-before-make switching
action.
PRODUCT HIGHLIGHTS
1. Wide bandwidth data rates >200 MHz.
2. Ultralow Power Dissipation.
3. Extended Signal Range.
The ADG774 is fabricated on a CMOS process giving an
increased signal range that fully extends to the supply rails.
4. Low leakage over temperature.
5. Break-Before-Make Switching.
This prevents channel shorting when the switches are config-
ured as a multiplexer.
6. Crosstalk is typically –70 dB @ 30 MHz.
7. Off isolation is typically –60 dB @ 10 MHz.


Similar Part No. - ADG774

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG774A AD-ADG774A Datasheet
144Kb / 8P
Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
REV.0
ADG774A AD-ADG774A Datasheet
264Kb / 14P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
Rev. C
ADG774ABCPZ-R2 AD-ADG774ABCPZ-R2 Datasheet
264Kb / 14P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
Rev. C
ADG774ABCPZ-REEL AD-ADG774ABCPZ-REEL Datasheet
371Kb / 16P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
REV. B
ADG774ABCPZ-REEL AD-ADG774ABCPZ-REEL Datasheet
264Kb / 14P
Low Voltage, 400 MHz, Quad 2:1 Mux with 3 ns Switching Time
Rev. C
More results

Similar Description - ADG774

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG784 AD-ADG784 Datasheet
131Kb / 8P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV.0
logo
Pericom Semiconductor C...
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
logo
Analog Devices
ADG849 AD-ADG849 Datasheet
334Kb / 12P
3 V/5 V CMOS 0.5 廓 SPDT/2:1 Mux in SC70
ADG774BRZ AD-ADG774BRZ Datasheet
140Kb / 12P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG774BRQZ AD-ADG774BRQZ Datasheet
140Kb / 12P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux
REV. C
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG784BCPZ AD-ADG784BCPZ Datasheet
151Kb / 9P
CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
REV. A
logo
Pericom Semiconductor C...
PI5L200QX PERICOM-PI5L200QX Datasheet
185Kb / 9P
Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
logo
Analog Devices
ADG784 AD-ADG784_15 Datasheet
151Kb / 9P
CMOS 3 V/5 V, Wide Bandwidth Quad
REV. A
ADG774 AD-ADG774_15 Datasheet
140Kb / 12P
Wide Bandwidth Quad 2:1 Mux
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com