Electronic Components Datasheet Search
  English  ▼

X  

6908A Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # 6908A
Description  30V Dual Asymmetric N-Channel MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

6908A Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  6908A Datasheet HTML 1Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 2Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 3Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 4Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 5Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 6Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 7Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 8Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AON6908A
30V Dual Asymmetric N-Channel MOSFET
General Description
Product Summary
Q1
Q2
30V
30V
ID (at VGS=10V)
46A
80A
RDS(ON) (at VGS=10V)
<8.9m
Ω
<3.6m
Ω
RDS(ON) (at VGS = 4.5V)
<12.5m
Ω <4.5mΩ
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAS, IAR
EAS, EAR
VDS Spike
VSPIKE
TJ, TSTG
Parameter
Symbol
Typ Q1
Typ Q2
Max Q1 Max Q2
t ≤ 10s
29
24
35
29
Steady-State
56
50
67
60
Steady-State
RθJC
3.3
1.2
4
1.6
100ns
36
36
V
Junction and Storage Temperature Range
-55 to 150
°C
Thermal Characteristics
1.9
2.1
1.2
1.3
11.5
17
46
80
28
100
V
V
62
±20
±12
A
30
200
VDS
Max Q1
Max Q2
Units
Units
40
36
80
A
W
Absolute Maximum Ratings TA=25°C unless otherwise noted
mJ
Avalanche Current
C
Continuous Drain
Current
A
9
ID
27
13.5
TC=100°C
Pulsed Drain Current
C
Continuous Drain
Current
G
Parameter
Gate-Source Voltage
Drain-Source Voltage
W
TA=70°C
TA=25°C
TA=25°C
IDSM
TA=70°C
PD
31
78
Avalanche Energy L=0.1mH
C
31
12
The AON6908A is designed to provide a high efficiency
synchronous buck power stage with optimal layout and
board space utilization. It includes two specialized
MOSFETs in a dual Power DFN5x6 package. The Q1 "High
Side" MOSFET is desgined to minimze switching losses.
The Q2 "Low Side" MOSFET is an SRFET™ that features
low RDS(ON) to reduce conduction losses as well as an
integrated Schottky diode with low QRR and Vf to reduce
switching losses. The AON6908A is well suited for use in
compact DC/DC converter applications.
Maximum Junction-to-Case
TC=25°C
TC=100°C
Power Dissipation
A
PDSM
Power Dissipation
B
TC=25°C
°C/W
°C/W
Maximum Junction-to-Ambient
A D
RθJA
Maximum Junction-to-Ambient
A
°C/W
Top View
Bottom View
PIN1
DFN5X6
Top View
Bottom View
Bottom View
Rev0 : Sep 2010
www.aosmd.com
Page 1 of 11


Similar Part No. - 6908A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6908 ETC1-6908 Datasheet
145Kb / 1P
60000 SERIES FOR DISCRETE COMPONENTS
logo
Tyco Electronics
69082 MACOM-69082 Datasheet
441Kb / 12P
COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
logo
Molex Electronics Ltd.
69088-0972 MOLEX-69088-0972 Datasheet
271Kb / 2P
Parallel action crimp hadn tool with terminal locator and precision crimp profiles
2001-01-16
More results

Similar Description - 6908A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6906A AOSMD-AON6906A Datasheet
376Kb / 10P
30V Dual Asymmetric N-Channel MOSFET
AON6910A AOSMD-AON6910A Datasheet
429Kb / 11P
30V Dual Asymmetric N-Channel MOSFET
AON6912A AOSMD-AON6912A Datasheet
551Kb / 10P
30V Dual Asymmetric N-Channel MOSFET
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
30V Dual Asymmetric N-Channel MOSFET
AON6926 AOSMD-AON6926 Datasheet
375Kb / 10P
30V Dual Asymmetric N-Channel MOSFET
AON7902 AOSMD-AON7902 Datasheet
420Kb / 11P
30V Dual Asymmetric N-Channel MOSFET
AOE6922 AOSMD-AOE6922 Datasheet
483Kb / 10P
30V Dual Asymmetric N-Channel MOSFET
AONP36336 AOSMD-AONP36336 Datasheet
600Kb / 10P
30V Dual Asymmetric N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com