Electronic Components Datasheet Search
  English  ▼

X  

6908A Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # 6908A
Description  30V Dual Asymmetric N-Channel MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

6908A Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  6908A Datasheet HTML 1Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 2Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 3Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 4Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 5Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 6Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 7Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 8Page - Alpha & Omega Semiconductors 6908A Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AON6908A
Q1-CHANNEL: TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
1ms
100us
DC
RDS(ON)
limited
TJ(Max)=150°C
TC=25°C
10
µs
0
2
4
6
8
10
0
2
4
6
8
10
12
14
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
25
30
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
40
80
120
160
200
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Coss
Crss
VDS=15V
ID=11.5A
Single Pulse
D=Ton/T
TJ,PK=TC+PDM.ZθJC.RθJC
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TC=25°C
RθJC=4°C/W
Rev 0 : Sep 2010
www.aosmd.com
Page 4 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com