| Electronic Components Datasheet Search |
|
ADM1032 Datasheet(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM1032 Datasheet(HTML) 9 Page - Analog Devices |
|
9 / 12 page ![]() REV. 0 ADM1032 –9– 1. Although it is possible to read a data byte from a data register without first writing to the Address Pointer Register, if the Address Pointer Register is already at the correct value, it is not possible to write data to a register without writing to the Address Pointer Register, because the first data byte of a write is always written to the Address Pointer Register. ALERT OUTPUT The ALERT output goes low whenever an out-of-limit mea- surement is detected, or if the remote temperature sensor is open-circuit. It is an open drain and requires a pull-up to VDD. Several ALERT outputs can be wire-ORed together, so that the common line will go low if one or more of the ALERT outputs goes low. The ALERT output can be used as an interrupt signal to a processor, or it may be used as an SMBALERT. Slave devices on the SMBus can normally not signal to the master that they want to talk, but the SMBALERT function allows them to do so. A6 19 1 9 A5 A4 A3 A2 A1 A0 R/ W D7 D6 D5 D4 D3 D2 D1 D0 SCLK SDATA START BY MASTER FRAME 1 SERIAL BUS ADDRESS BYTE FRAME 2 ADDRESS POINTER REGISTER BYTE STOP BY MASTER ACK. BY ADM1032 ACK. BY ADM1032 FRAME 3 DATA BYTE SDATA (CONTINUED) SCLK (CONTINUED) ACK. BY ADM1032 9 1 D7 D6 D5 D4 D3 D2 D1 D0 Figure 3a. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register SCLK SDATA START BY MASTER 19 1 9 A6 A5 A4 A3 A2 A1 A0 R/ W D7 D6 D5 D4 D3 D2 D1 D0 FRAME 1 SERIAL BUS ADDRESS BYTE FRAME 2 ADDRESS POINTER REGISTER BYTE STOP BY MASTER ACK. BY ADM1032 ACK. BY ADM1032 Figure 3b. Writing to the Address Pointer Register Only SCLK 19 1 9 SDATA A6 A5 A4 A3 A2 A1 A0 R/ W D7 D6 D5 D4 D3 D2 D1 D0 START BY MASTER FRAME 1 SERIAL BUS ADDRESS BYTE FRAME 2 DATA BYTE FROM ADM1032 STOP BY MASTER ACK. BY ADM1032 ACK. BY ADM1032 Figure 3c. Reading Data from a Previously Selected Register 2. Don’t forget that some of the ADM1032 registers have differ- ent addresses for read and write operations. The write address of a register must be written to the Address Pointer if data is to be written to that register, but it is not possible to read data from that address. The read address of a register must be written to the Address Pointer before data can be read from that register. One or more ALERT outputs can be connected to a common SMBALERT line connected to the master. When the SMBALERT line is pulled low by one of the devices, the fol- lowing procedure occurs as illustrated in Figure 4. MASTER RECEIVES SMBALERT MASTER SENDS ARA AND READ COMMAND DEVICE SENDS ITS ADDRESS NO ACK START ALERT RESPONSE ADDRESS RD ACK DEVICE ADDRESS STOP Figure 4. Use of SMBALERT |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |