Electronic Components Datasheet Search
  English  ▼

X  

ADM1032 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM1032
Description  -1C Remote and Local System Temperature Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1032 Datasheet(HTML) 2 Page - Analog Devices

  ADM1032 Datasheet HTML 1Page - Analog Devices ADM1032 Datasheet HTML 2Page - Analog Devices ADM1032 Datasheet HTML 3Page - Analog Devices ADM1032 Datasheet HTML 4Page - Analog Devices ADM1032 Datasheet HTML 5Page - Analog Devices ADM1032 Datasheet HTML 6Page - Analog Devices ADM1032 Datasheet HTML 7Page - Analog Devices ADM1032 Datasheet HTML 8Page - Analog Devices ADM1032 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
ADM1032–SPECIFICATIONS (T
A = TMIN to TMAX, VDD = VMIN to VMAX, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage, VDD
3.0
3.30
5.5
V
Average Operating Supply Current, ICC
170
215
µA
0.0625 Conversions/Sec Rate
1
5.5
10
µA
Standby Mode
Undervoltage Lockout Threshold
2.35
2.55
2.8
V
VDD Input, Disables ADC, Rising Edge
Power-On Reset Threshold
1
2.4
V
TEMPERATURE-TO-DIGITAL CONVERTER
Local Sensor Accuracy
±1
±3
°C0 ≤ T
A
≤ 100°C, V
CC = 3 V to 3.6 V
Resolution
1
°C
Remote Diode Sensor Accuracy
±1
°C60°C ≤ TD ≤ 100°C, VCC = 3 V to 3.6 V
±3
°C0°C ≤ T
D
≤ 120°C
Resolution
0.125
°C
Remote Sensor Source Current
230
µA
High Level, Note 2
13
µA
Low Level, Note 2
Conversion Time
35.7
142.8
ms
From Stop Bit to Conversion Complete
(Both Channels) One-Shot Mode with
Averaging Switched On
5.7
22.8
ms
One-Shot Mode with Averaging Off
(i.e., Conversion Rate = 32 or 64
Conversions per Second)
OPEN-DRAIN DIGITAL OUTPUTS
(
THERM, ALERT)
Output Low Voltage, VOL
0.4
V
IOUT = –6.0 mA
2
High Level Output Leakage Current, IOH
0.1
1
µAV
OUT = VDD
2
SMBus INTERFACE
2
Logic Input High Voltage, VIH
2.1
V
VDD = 3 V to 5.5 V
SCLK, SDATA
Logic Input Low Voltage, VIL
0.8
V
VDD = 3 V to 5.5 V
Hysteresis
500
mV
SCLK, SDATA
SMBus Output Low Sink Current
6
mA
SDATA Forced to 0.6 V
ALERT Output Low Sink Current
1
mA
ALERT Forced to 0.4 V
Logic Input Current, IIH, IIL
–1
+1
µA
SMBus Input Capacitance, SCLK, SDATA
5
pF
SMBus Clock Frequency
100
kHz
SMBus Timeout
25
64
ms
Note 3
SMBus Clock Low Time, tLOW
4.7
µstLOW between 10% Points
SMBus Clock High Time, tHIGH
4
µst
HIGH between 90% Points
SMBus Start Condition Setup Time, tSU:STA
4.7
µs
SMBus Start Condition Hold Time, tHD:STA
4
µs
Time from 10% of SDATA to 90%
of SCLK
SMBus Stop Condition Setup Time, tSU:STO
4
µs
Time from 90% of SCLK to 10%
of SDATA
SMBus Data Valid to SCLK Rising Edge
250
ns
Time for 10% or 90% of SDATA to
Time, tSU:DAT
10% of SCLK
SMBus Data Hold Time, tHD:DAT
300
µs
SMBus Bus Free Time, tBUF
4.7
µs
Between Start/Stop Condition
SCLK Falling Edge to SDATA
1
µs
Master Clocking in Data
Valid Time, tVD,DAT
SCLK, SDATA Rise Time, tR
1
µs
SCLK, SDATA Fall Time, tF
300
ns
NOTES
1See Table VI for information on other conversion rates.
2Guaranteed by Design, not production tested.
3The SMBus timeout is a programmable feature. By default it is not enabled. Details on how to enable it are available in the SMBus section of this data sheet.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com