Electronic Components Datasheet Search
  English  ▼

X  

ADM1032 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1032
Description  -1C Remote and Local System Temperature Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1032 Datasheet(HTML) 3 Page - Analog Devices

  ADM1032 Datasheet HTML 1Page - Analog Devices ADM1032 Datasheet HTML 2Page - Analog Devices ADM1032 Datasheet HTML 3Page - Analog Devices ADM1032 Datasheet HTML 4Page - Analog Devices ADM1032 Datasheet HTML 5Page - Analog Devices ADM1032 Datasheet HTML 6Page - Analog Devices ADM1032 Datasheet HTML 7Page - Analog Devices ADM1032 Datasheet HTML 8Page - Analog Devices ADM1032 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
–3–
ADM1032
P
S
tSU;DAT
tHIGH
tF
tHD;DAT
tR
tLOW
tSU;STO
PS
SCLK
SDATA
tHD;STA
tHD;STA
tSU;STA
tBUF
Figure 1. Diagram for Serial Bus Timing
ORDERING GUIDE
Temperature
Package
Package
Branding
SMBus
Model
Range
Description
Option
Information
Addr
ADM1032AR
0
°C to 120°C
8-Lead SO Package
SO-8
1032AR
4C
ADM1032ARM
0
°C to 120°C
8-Lead Micro_SO Package
RM-8
T2A
4C
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
D+
SCLK
D–
THERM
ADM1032
VDD
GND
ALERT
SDATA
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Description
1VDD
Positive Supply, 3 V to 5.5 V.
2
D+
Positive Connection to Remote Temperature Sensor.
3
D–
Negative Connection to Remote Temperature Sensor.
4
THERM
Open-drain output that can be used to turn a fan on/off or throttle a CPU clock in the event of an over-
temperature condition. Requires pull-up to VDD.
5
GND
Supply Ground Connection
6
ALERT
Open-Drain Logic Output Used as Interrupt or SMBus Alert.
7
SDATA
Logic Input/Output, SMBus Serial Data. Open-Drain Output. Requires pull-up resistor.
8
SCLK
Logic Input, SMBus Serial Clock. Requires pull-up resistor.
ABSOLUTE MAXIMUM RATINGS
*
Positive Supply Voltage (VDD) to GND . . . . . . –0.3 V, +5.5 V
D+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
D– to GND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.6 V
SCLK, SDATA,
ALERT . . . . . . . . . . . . . . . . –0.3 V to +5.5 V
THERM . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V
Input Current, SDATA,
THERM . . . . . . . . . . . –1, +50 mA
Input Current, D– . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±1 mA
ESD Rating, All Pins (Human Body Model) . . . . . . >1000 V
Maximum Junction Temperature (TJ max) . . . . . . . . . 150
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
IR Reflow Peak Temp . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
Lead Temp (Soldering 10 sec) . . . . . . . . . . . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
8-Lead SO Package
θJA = 121°C/W
8-Lead Micro_SO Package
θJA = 142°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com