Electronic Components Datasheet Search
  English  ▼

X  

AOW14N50 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOW14N50
Description  500V, 14A N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW14N50 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOW14N50 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOW14N50/AOWF14N50
500V, 14A N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
14A
RDS(ON) (at VGS=10V)
< 0.38
Ω
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAR
EAR
EAS
Peak diode recovery dv/dt
dv/dt
TJ, TSTG
TL
Symbol
RθJA
RθCS
RθJC
* Drain current limited by maximum junction temperature.
A
W
W/
oC
°C
mJ
V/ns
°C
Maximum Case-to-sink
A
Maximum Junction-to-Case
mJ
°C/W
°C/W
Derate above 25
oC
Parameter
AOW14N50
AOWF14N50
Maximum lead temperature for soldering
purpose, 1/8" from case for 5 seconds
500
ID
5
28
278
11
14*
11*
The AOW14N50 & AOWF14N50 have been fabricated
using an advanced high voltage MOSFET process that is
designed to deliver high levels of performance and
robustness in popular AC-DC applications.By providing
low RDS(on), Ciss and Crss along with guaranteed avalanche
capability these parts can be adopted quickly into new
and existing offline power supply designs.
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
AOW14N50
AOWF14N50
600V@150℃
Drain-Source Voltage
V
±30
Gate-Source Voltage
TC=100°C
A
56
Pulsed Drain Current
C
Continuous Drain
Current
TC=25°C
14
Avalanche Current
C
540
Single plused avalanche energy
G
1080
6
Repetitive avalanche energy
C
Junction and Storage Temperature Range
Maximum Junction-to-Ambient
A,D
Power Dissipation
B
PD
TC=25°C
Thermal Characteristics
300
-55 to 150
2.2
0.22
0.45
--
Units
°C/W
65
0.5
65
4.5
G
D
S
Top View
TO-262F
Bottom View
Top View
TO-262
Bottom View
G
D
S
G
D
S
G
D
S
G
D
S
Rev2: July 2010
www.aosmd.com
Page 1 of 6


Similar Part No. - AOW14N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOW14N50 ISC-AOW14N50 Datasheet
342Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - AOW14N50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
Aug-1998
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
STMicroelectronics
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
May-2001
logo
Alpha & Omega Semicondu...
AOT14N50 AOSMD-AOT14N50 Datasheet
180Kb / 6P
500V, 14A N-Channel MOSFET
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
UF450 UTC-UF450_11 Datasheet
237Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOB14N50 AOSMD-AOB14N50 Datasheet
263Kb / 6P
500V, 14A N-Channel MOSFET
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
500V, 14A N-Channel MOSFET
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com