Electronic Components Datasheet Search
  English  ▼

X  

AOW14N50 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOW14N50
Description  500V, 14A N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW14N50 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOW14N50 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AOW14N50/AOWF14N50
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 12: Normalized Maximum Transient Thermal Impedance for AOW14N50 (Note F)
D=Ton/T
TJ,PK=TC+PDM.ZθJC.RθJC
RθJC=0.45°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Ton
T
PD
Single Pulse
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 13: Normalized Maximum Transient Thermal Impedance for AOWF14N50 (Note F)
D=Ton/T
TJ,PK=TC+PDM.ZθJC.RθJC
RθJC=4.5°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Single Pulse
Ton
T
PD
Rev2: July 2010
www.aosmd.com
Page 5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com