Electronic Components Datasheet Search
  English  ▼

X  

AOW14N50 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOW14N50
Description  500V, 14A N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW14N50 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOW14N50 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW14N50 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AOW14N50/AOWF14N50
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
40
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
VSD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
0
5
10
15
20
25
30
0
5
10
15
20
25
30
VDS (Volts)
Fig 1: On-Region Characteristics
VGS=5.5V
6V
10V
6.5V
0.1
1
10
100
24
68
10
VGS(Volts)
Figure 2: Transfer Characteristics
-55°C
VDS=40V
25°C
125°C
0.2
0.3
0.3
0.4
0.4
0.5
0.5
0
5
10
15
20
25
30
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
VGS=10V
0
0.5
1
1.5
2
2.5
3
-100
-50
0
50
100
150
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
VGS=10V
ID=7A
0.8
0.9
1
1.1
1.2
-100
-50
0
50
100
150
200
TJ (°C)
Figure 5:Break Down vs. Junction Temparature
Rev2: July 2010
www.aosmd.com
Page 3 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com