Electronic Components Datasheet Search
  English  ▼

X  

PCM5142 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5142
Description  2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5142 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM5142 Datasheet HTML 5Page - Texas Instruments PCM5142 Datasheet HTML 6Page - Texas Instruments PCM5142 Datasheet HTML 7Page - Texas Instruments PCM5142 Datasheet HTML 8Page - Texas Instruments PCM5142 Datasheet HTML 9Page - Texas Instruments PCM5142 Datasheet HTML 10Page - Texas Instruments PCM5142 Datasheet HTML 11Page - Texas Instruments PCM5142 Datasheet HTML 12Page - Texas Instruments PCM5142 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759A – AUGUST 2012 – REVISED SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512fS and 24-bit data unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
24
32
Bits
Data Format (PCM Mode)
Audio data interface format
I2S, left justified, right justified and TDM
Audio data bit length
16, 24, 32-bit acceptable
Audio data format
MSB First, 2s Complement
fS
(1)
Sampling frequency
8
384
kHz
Clocks
System clock frequency
64, 128, 192, 256, 384, 512, 768, 1024, 1152,
1536, 2048, or 3072
fSCK, up to 50Mhz
Clock divider uses fractional divide
6.7
20
MHz
D > 0, P=1
PLL Input Frequency
(SCL Clock Frequency 400 kHz)
Clock divider uses integer divide
1
20
MHz
D = 0, P=1
Digital Input/Output
Logic Family: 3.3V LVCMOS compatible
VIH
0.7×DVDD
Input logic level
V
VIL
0.3×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0V
–10
VOH
IOH = –4mA
0.8×DVDD
Output logic level
V
VOL
IOL = 4mA
0.22×DVD
D
Logic Family 1.8V LVCMOS compatible
VIH
0.7×DVDD
Input logic level
V
VIL
0.3×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0V
–10
VOH
IOH = –2mA
0.8×DVDD
Output logic level
V
VOL
IOL = 2mA
0.22×DVD
D
(1)
One sample time si defined as the reciprocal of the sampling frequency. 1tS = 1/fS
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com