Electronic Components Datasheet Search
  English  ▼

X  

ADP1110 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1110
Description  Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1110 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1110 Datasheet HTML 8Page - Analog Devices ADP1110 Datasheet HTML 9Page - Analog Devices ADP1110 Datasheet HTML 10Page - Analog Devices ADP1110 Datasheet HTML 11Page - Analog Devices ADP1110 Datasheet HTML 12Page - Analog Devices ADP1110 Datasheet HTML 13Page - Analog Devices ADP1110 Datasheet HTML 14Page - Analog Devices ADP1110 Datasheet HTML 15Page - Analog Devices ADP1110 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP1110
–13–
REV. 0
APPLICATION CIRCUITS
All-Surface-Mount, Single-Cell to 5 V Converter
This is a very simple, compact, low-part-count circuit that takes
a single alkaline 1.5 V cell input and produces a 5 V output.
The output current should be kept to 10 mA or less to conserve
battery life.
ILIM
VIN
SW1
SW2
SENSE
GND
SET
AO
ADP1110-5
NC
NC
L1
D1
1N5817
6
7
8
1
2
4
5
3
50µH
+5V
10mA
15µF
CL
ONE
ALKALINE
CELL
CTX50-4
1.5V
Figure 30. All-Surface-Mount, Single-Cell to 5 V Converter
All-Surface-Mount, 3 V to 5 V Step-Up Converter
Similar to the previous circuit, this circuit takes a 3-volt input
and provides a 5 V output at 40 mA. As in the single-cell version,
the circuit is compact and uses only four external components.
ILIM
VIN
SW1
SW2
SENSE
GND
SET
AO
ADP1110-5
NC
NC
L1
6
7
8
1
2
4
5
3
220
Ω
3V
50µH
+5V
40mA
10µF
CL
TWO
ALKALINE
CELLS
D1
1N5817
CTX50-4
Figure 31. All-Surface-Mount, 3 V to 5 V Step-Up
Converter
All-Surface-Mount, 9 V to 5 V Step-Down Converter
Featuring the same low parts count of the step-up design, this
circuit is the complement to the preceding one. The 220
Ω
resistor programs the current limit to around 600 mA.
ILIM
VIN SW1
SW2
SENSE
GND
SET
AO
ADP1110-5
NC
NC
L1
D1
6
8
1
2
4
5
3
220
Ω
50µH
1N5817
+5V
40mA
10µF
CL
9V
BATTERY
7
RLIM
CTX50-4
Figure 32. All-Surface-Mount, 9 V to 5 V Step-Down
Converter
1.5 V to
5 V Dual-Output Step-Up Converter
This circuit works from a single 1.5 V cell and provides simulta-
neous outputs of +5 V and –5 V. The accuracy of the negative
output suffers slightly because of the extra diode drop of around
0.4 V.
ILIM
VIN SW1
SW2
SENSE
GND
SET
AO
ADP1110-5
NC
NC
6
7
8
1
2
4
5
3
1.5V
L16
8µH
4.7µF
ONE
ALKALINE
CELL
4.7µF
+5V
3mA
NOTE: ALL DIODES 1N5818
–5V
3mA
4.7µF
CTX68-4
Figure 33. 1.5 V to
±5 V Dual-Output Step-Up
Converter
All-Surface-Mount Flash Memory VPP Generator
Figure 34 shows a circuit that can generate the programming
voltage, VPP to program flash memory. The key components
are the MOSFET and the bipolar transistor. These two devices
form a switch that, when ON, allows the ADP1110 to power-up
and function as a step-up converter. The output is +12 V at 120
mA. When the MOSFET switch is OFF, the output of the
circuit drops to just under +5 V thereby disabling the program-
ming capability.
Care should be taken so there is no short-circuit-current limiting
in the circuit in either operating mode.
ILIM
VIN
SW1
SW2
SENSE
GND
SET
AO
ADP1110-12
NC
NC
6
7
8
1
2
4
5
3
L1
50µH
10µF
CL
LOGIC1 = PROGRAM
LOGIC0 = SHUTDOWN
D1
1N5818
CTX50-4
MMBT4403
1k
Ω
MMBF170
VPP
+12V
120mA
+5V
10k
Ω
Figure 34. All Surface-Mount Flash Memory VPP Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com