Electronic Components Datasheet Search
  English  ▼

X  

ADP1110 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1110
Description  Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1110 Datasheet(HTML) 4 Page - Analog Devices

  ADP1110 Datasheet HTML 1Page - Analog Devices ADP1110 Datasheet HTML 2Page - Analog Devices ADP1110 Datasheet HTML 3Page - Analog Devices ADP1110 Datasheet HTML 4Page - Analog Devices ADP1110 Datasheet HTML 5Page - Analog Devices ADP1110 Datasheet HTML 6Page - Analog Devices ADP1110 Datasheet HTML 7Page - Analog Devices ADP1110 Datasheet HTML 8Page - Analog Devices ADP1110 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADP1110-Typical Characteristics
–4–
REV. 0
ISWITCH CURRENT – A
1.4
0
0.1
1.4
0.2
0.4
0.5
0.6
0.8
1
1.2
1.25
1.2
0.6
0.4
0.2
1
0.8
VIN = +1V
VIN = +1.2V
VIN = +1.5V
VIN = +2V
VIN = +3V
VIN = +5V
Figure 2. Saturation Voltage vs. ISWITCH Current in Step-Up
Mode
ISWITCH CURRENT – A
2
1.8
0
0.1
0.9
0.2
0.4
0.6
0.8
1.2
0.6
0.4
0.2
1.6
1.4
0.8
1
VIN = +12V
Figure 3. Switch ON Voltage vs. ISWITCH Current In Step-
Down Mode
INPUT VOLTAGE – V
130
3
6
9
12
15
18
21
24
27
1800
0
1600
1400
1200
1000
800
600
400
200
QUIESCENT CURRENT
Figure 4. Quiescent Current vs. Input Voltage
76
66
60
230
4
6
8
1012
1518
21
24
27
74
68
64
62
72
70
INPUT VOLTAGE – V
OSCILLATOR FREQUENCY
Figure 5. Oscillator Frequency vs. Input Voltage
RLIM – Ω
1.9
1.7
0.1
1
1000
10
100
1.5
1.3
0.5
1.1
0.9
0.7
0.3
STEP-DOWN WITH
V = +12V
Figure 6. Maximum Switch Current vs. RLIM
RLIM – Ω
0.1
1
1000
10
100
1.5
1.3
0.5
1.1
0.9
0.7
0.3
STEP-UP MODE
WITH V
≤ +5V
Figure 7. Maximum Switch Current vs. RLIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com