Electronic Components Datasheet Search
  English  ▼

X  

ADP1110 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1110
Description  Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1110 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1110 Datasheet HTML 8Page - Analog Devices ADP1110 Datasheet HTML 9Page - Analog Devices ADP1110 Datasheet HTML 10Page - Analog Devices ADP1110 Datasheet HTML 11Page - Analog Devices ADP1110 Datasheet HTML 12Page - Analog Devices ADP1110 Datasheet HTML 13Page - Analog Devices ADP1110 Datasheet HTML 14Page - Analog Devices ADP1110 Datasheet HTML 15Page - Analog Devices ADP1110 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADP1110
–14–
REV. 0
1.5 V to +5 V, +10 V Dual Output Step-Up Converter
The circuit of Figure 35 illustrates a way to get outputs of
+10 V and +5 V from the same converter. The main 5 V output
is derived from the feedback provided by the 487 k
Ω and 11 kΩ
resistors. Capacitor C1 should be a multilayer ceramic variety
for best performance, but a good quality tantalum capacitor will
also give good performance at lower cost.
ILIM
VIN SW1
SW2
FB
GND
SET
AO
ADP1110
NC
NC
6
7
8
1
2
4
5
3
1.5V
L1
50µH
4.7µF
ONE
ALKALINE
CELL
4.7µF
NOTE: ALL DIODES 1N5818
CTX50-4
+5V
3mA
11k
Ω
487k
Ω
+10V
3mA
D1
D2
D3
220
Ω
Figure 35. 1.5 V to +5 V, +10 V Dual Output Step-Up
Converter
1.5 V-Powered Laser Diode Driver
Figure 36 shows a circuit suitable for driving many laser diodes
that incorporate a photodiode to monitor the laser diode
current, this circuit makes use of the gain block and current-
limit functions to provide a feedback system based on the
average laser diode current. This current must be controlled
very closely or permanent damage to the laser diode is likely to
be the result.
To ensure that the laser is operating at the proper power level,
the actual optical power from the laser should be monitored
with a calibrated photodiode or optical power meter. In
addition, the actual diode current should also be monitored, and
R1 can be adjusted to give the correct output power.
NOTES
1. All inductors referenced are Coiltronics CTX-series except
where noted.
2. If the source of power is more than an inch or so from the
converter, the input to the converter should be bypassed with
approximately 10
µF of capacitance. This capacitor should be
a good quality tantalum or aluminum electrolytic.
ILIM
VIN
SW1
SW2
FB
GND
SET
AO
ADP1110
6
7
8
1
2
4
5
3
10
Ω
1N4148
220
Ω
1.5V
5.1k
Ω
0.022µF
1k
Ω
2.2µH
1µF
2
Ω
1N5818
MJE210
TOSHIBA
TOLD-9321
100µF
OS-Con
2N3906
1k
Ω
Figure 36. 1.5 V-Powered Laser Diode Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com