Electronic Components Datasheet Search
  English  ▼

X  

ADP3163 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3163
Description  5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3163 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3163 Datasheet HTML 2Page - Analog Devices ADP3163 Datasheet HTML 3Page - Analog Devices ADP3163 Datasheet HTML 4Page - Analog Devices ADP3163 Datasheet HTML 5Page - Analog Devices ADP3163 Datasheet HTML 6Page - Analog Devices ADP3163 Datasheet HTML 7Page - Analog Devices ADP3163 Datasheet HTML 8Page - Analog Devices ADP3163 Datasheet HTML 9Page - Analog Devices ADP3163 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
ADP3163
–6–
Table II. Output Voltage vs. VID Code
VID4
VID3
VID2
VID1
VID0
VOUT(NOM)
11111No CPU
11110
1.100 V
11101
1.125 V
11100
1.150 V
11011
1.175 V
11010
1.200 V
11001
1.225 V
11000
1.250 V
10111
1.275 V
10110
1.300 V
10101
1.325 V
10100
1.350 V
10011
1.375 V
10010
1.400 V
10001
1.425 V
10000
1.450 V
01111
1.475 V
01110
1.500 V
01101
1.525 V
01100
1.550 V
01011
1.575 V
01010
1.600 V
01001
1.625 V
01000
1.650 V
00111
1.675 V
00110
1.700 V
00101
1.725 V
00100
1.750 V
00011
1.775 V
00010
1.800 V
00001
1.825 V
00000
1.850 V
THEORY OF OPERATION
The ADP3163 combines a current-mode, fixed frequency PWM
controller with multiphase logic outputs for use in a 2- or 3-phase
synchronous buck power converter. Multiphase operation is
important for switching the high currents required by high
performance microprocessors. Handling the high current in a
single-phase converter would place unreasonable requirements on
the power components such as inductor wire size and MOSFET
ON-resistance and thermal dissipation. The ADP3163’s high-side
current sensing topology ensures that the load currents are
balanced in each phase, such that no single phase has to carry
more than it’s share of the power. An additional benefit of high
side current sensing over output current sensing is that the
average current through the sense resistor is reduced by the duty
cycle of the converter allowing the use of a lower power, lower
cost resistor. The outputs of the ADP3163 are logic drivers
only and are not intended to directly drive external power
MOSFETs. Instead, the ADP3163 should be paired with driv-
ers such as the ADP3413 or ADP3414.
The frequency of the ADP3163 is set by an external capacitor
connected to the CT pin. The phase relationship and number of
active output phases is determined by the state of the phase
control (PC) pin as shown in Table I. The error amplifier and
current sense comparator control the duty cycle of the PWM
outputs to maintain regulation. The maximum duty cycle per
phase is inherently limited to 50% for 2-phase operation and
33% for 3-phase operation. While one phase is on, all other
phases remain off. In no case can more than one output be high
at any time.
Output Voltage Sensing
The output voltage is sensed at the FB pin allowing for remote
sensing. To maintain the accuracy of the remote sensing, the
GND pin should also be connected close to the load. A voltage
error amplifier (gm) amplifies the difference between the output
voltage and a programmable reference voltage. The reference
voltage is programmed between 1.1 V and 1.85 V by an internal
5-bit DAC, which reads the code at the voltage identification
(VID) pins. (Refer to Table II for the output voltage versus VID
pin code information.)
Active Voltage Positioning
The ADP3163 uses Analog Devices Optimal Positioning Tech-
nology (ADOPT), a unique supplemental regulation technique
that uses active voltage positioning and provides optimal com-
pensation for load transients. When implemented, ADOPT
adjusts the output voltage as a function of the load current, so
that it is always optimally positioned for a load transient.
Standard (passive) voltage positioning has poor dynamic perfor-
mance, rendering it ineffective under the stringent repetitive
transient conditions required by high performance processors.
ADOPT, however, provides optimal bandwidth for transient
response that yields optimal load transient response with the
minimum number of output capacitors.
Reference Output
A 3.0 V reference is available on the ADP3163. This reference
is normally used to set the voltage positioning accurately using a
resistor divider to the COMP pin. In addition, the reference can
be used for other functions such as generating a regulated volt-
age with an external amplifier. The reference is bypassed with
a 1 nF capacitor to ground. It is not intended to supply large
capacitive loads, and it should not be used to provide more than
300
µA of output current.
Cycle-by-Cycle Operation
During normal operation (when the output voltage is regulated),
the voltage-error amplifier and the current comparator are the
main control elements. The voltage at the CT pin of the oscilla-
tor ramps between 0 V and 3 V. When that voltage reaches 3 V,
the oscillator sets the driver logic, which sets PWM1 high. Dur-
ing the ON time of Phase 1, the driver IC turns on the Phase 1
high-side MOSFET. The CS+ and CS– pins monitor the current
through the sense resistor that feeds all the high side MOSFETs.
When the voltage between the two pins exceeds the threshold
level, the driver logic is reset and the PWM1 output goes low. This
signals the driver IC to turn off the Phase 1 high side MOSFET
and turn on the Phase 1 low side MOSFET. On the next cycle
of the oscillator, the driver logic toggles and sets PWM2 high.
On each following cycle of the oscillator, the driver logic cycles
between each of the active PWM outputs based on the logic
state of the PC pin. In each case, the current comparator resets
the PWM output low when its threshold is reached. As the load
current increases, the output voltage starts to decrease. This
causes an increase in the output of the gm amplifier, which in
turn leads to an increase in the current comparator threshold,
thus programming more load current to be delivered so that
voltage regulation is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com