Electronic Components Datasheet Search
  English  ▼

X  

ADP3163 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3163
Description  5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3163 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3163 Datasheet HTML 6Page - Analog Devices ADP3163 Datasheet HTML 7Page - Analog Devices ADP3163 Datasheet HTML 8Page - Analog Devices ADP3163 Datasheet HTML 9Page - Analog Devices ADP3163 Datasheet HTML 10Page - Analog Devices ADP3163 Datasheet HTML 11Page - Analog Devices ADP3163 Datasheet HTML 12Page - Analog Devices ADP3163 Datasheet HTML 13Page - Analog Devices ADP3163 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. 0
ADP3163
–10–
At output voltages below 750 mV, the current sense threshold is
reduced to 108 mV, and the ripple current is negligible. There-
fore, at dead short the output current is reduced to:
In
V
R
mV
m
A
OUT SC
CS SC
SENSE
()
()
=×
= ×
=
3
108
5
65
Ω
(5)
To safely carry the current under maximum load conditions, the
sense resistor must have a power rating of at least:
PI
R
R
SENSE RMS
SENSE
SENSE
=×
()
2
(6)
where:
I
I
n
V
V
SENSE RMS
O
OUT
IN
()
2
2
=×
×
η
(7)
In this formula, n is the number of phases, and
η is the con-
verter efficiency, in this case assumed to be 85%. Combining
Equations 6 and 7 yields:
P
AV
V
mW
RSENSE =×
×
×=
65
3
15
085 12
51 0
2
.
.
.
Ω
Output Resistance
This design requires that the regulator output voltage measured
at the CPU pins drops when the output current increases. The
specified voltage drop corresponds to a dc output resistance of:
R
VV
I
VV
A
m
OUT
ONL
OFL
O
=
−
=
−
=Ω
∆
1 475
1 377
65
15
..
.
(8)
The required dc output resistance can be achieved by terminating
the gm amplifier with a resistor. The value of the total termina-
tion resistance that will yield the correct dc output resistance:
R
nR
ng
R
m
mmho
m
k
T
I
SENSE
m
OUT
=
×
××
=
×Ω
××
Ω
=Ω
12 5
5
32 2
1 5
631
.
..
.
(9)
where nI is the division ratio from the output voltage signal of the
gm amplifier to the PWM comparator CMP1, gm is the transcon-
ductance of the gm amplifier itself, and n is the number of phases.
Output Offset
Intel’s specification requires that at no load the nominal output
voltage of the regulator be offset to a lower value than the nominal
voltage corresponding to the VID code. The offset is introduced
by realizing the total termination resistance of the gm amplifier
with a divider connected between the REF pin and ground. The
resistive divider introduces an offset to the output of the gm
amplifier that, when reflected back through the gain of the gm
stage, accurately positions the output voltage near its allowed
maximum at light load. Furthermore, the output of the gm
amplifier sets the current sense threshold voltage. At no load,
the current sense threshold is increased by the peak of the ripple
current in the inductor and reduced by the delay between sens-
ing when the current threshold has been reached and when the
high side MOSFET actually turns off. These two factors are
combined with the inherent voltage (VGNL0), at the output of the
gm amplifier that commands a current sense threshold of 0 mV:
VV
IR
n
VV
L
nt
R
n
VV
Am
V
V
nH
ns
m
V
GNL
GNL
L RIPPLE
SENSE
I
IN
OUT
D
SENSE
I
GNL
=+
××
−
−
×
××
×
=+
×Ω ×
−
−
×
××
Ω ×
=
0
2
1
10 9
5
12 5
2
12
1 5
600
2
60
5
12 5
1 144
()
..
.
..
(10)
The divider resistors (RA for the upper and RB for the lower)
can now be calculated, assuming that the internal resistance of
the gm amplifier (ROGM) is 1 MΩ:
R
V
VV
R
gV
V
R
V
VV
k
mmho
V
V
k
B
REF
REF
GNL
T
m
ONL
VID
B
=
−
−×
−
=
−
Ω
−×
−
=Ω
()
.
.
.( .
.
)
.
3
3
1 144
631
22
1475
15
859
(11)
Choosing the nearest 1% resistor value gives RB = 8.66 kΩ.
Finally, RA is calculated:
R
RR
R
k
M
k
k
A
T
OGM
B
=
−−
=
Ω
−
Ω
−
Ω
=Ω
1
11
1
1
1
631
1
1
1
866
23 8
..
.
(12)
Choosing the nearest 1% resistor value gives RA = 23.7 k
Ω.
COUT Selection
The required equivalent series resistance (ESR) and capacitance
drive the selection of the type and quantity of the output capaci-
tors. The ESR must be less than or equal to the specified output
resistance (ROUT), in this case 1.5 mΩ. The capacitance must be
large enough that the voltage across the capacitors, which is the
sum of the resistive and capacitive voltage deviations, does not
deviate beyond the initial resistive step while the inductor cur-
rent ramps up or down to the value corresponding to the new
load current.
One can, for example, use nine MBZ-type capacitors from
Rubycon, with 2200
µF capacitance, a 6.3 V voltage rating, and
13 m
Ω ESR. The nine capacitors have a maximum total ESR of
1.44 m
Ω when connected in parallel.
As long as the capacitance of the output capacitor bank is above
a critical value and the regulating loop is compensated with
Analog Devices’ proprietary compensation technique (ADOPT),
the actual capacitance value has no influence on the peak-to-
peak deviation of the output voltage to a full step change in the
load current. The critical capacitance can be calculated as follows:
C
I
RV
L
n
A
mV
nH
mF
OUT CRIT
O
OUT
OUT
()
..
.
=
×
×=
×
×=
65
15
15
600
3
578
Ω
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com