Electronic Components Datasheet Search
  English  ▼

X  

ADP3163 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3163
Description  5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3163 Datasheet(HTML) 4 Page - Analog Devices

  ADP3163 Datasheet HTML 1Page - Analog Devices ADP3163 Datasheet HTML 2Page - Analog Devices ADP3163 Datasheet HTML 3Page - Analog Devices ADP3163 Datasheet HTML 4Page - Analog Devices ADP3163 Datasheet HTML 5Page - Analog Devices ADP3163 Datasheet HTML 6Page - Analog Devices ADP3163 Datasheet HTML 7Page - Analog Devices ADP3163 Datasheet HTML 8Page - Analog Devices ADP3163 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. 0
ADP3163
–4–
PIN FUNCTION DESCRIPTIONS
Pin
Name
Function
1–5
VID4 –
Voltage Identification DAC Inputs. These pins are pulled up to an internal 3 V reference, providing a
VID0
Logic 1 if left open. The DAC output programs the FB regulation voltage from 1.1 V to 1.85 V. Leaving all five
DAC inputs open results in the ADP3163 going into a “No CPU” mode, shutting off its PWM outputs.
6
SHARE
Current Sharing Output. This pin is connected to the SHARE pins of other ADP3163s in multiple VRM sys-
tems to ensure proper current sharing between the converters. The voltage at this output programs the output
current control level between CS+ and CS–.
7
COMP
Error Amplifier Output and Compensation Point.
8
GND
Ground. FB, REF and the VID DAC of the ADP3163 are referenced to this ground. This is a low current ground
that can also be used as a return for the FB pin in remote voltage sensing applications.
9
FB
Feedback Input. Error amplifier input for remote sensing of the output voltage.
10
CT
External capacitor CT connection to ground sets the frequency of the device.
11
PWRGD
Open drain output that signals when the output voltage is outside of the proper operating range or when a phase
is not supplying current even if the output voltage is in specification.
12
CS+
Current Sense Positive Node. Positive input for the current comparator. The output current is sensed as a volt-
age at this pin with respect to CS–.
13
CS–
Current Sense Negative Node. Negative input for the current comparator.
14
PGND
Power Ground. All internal biasing and logic output signals of the ADP3163 are referenced to this ground.
15
PC
Phase Control Input. This logic-level input determines the number of active phases and the duty cycle limit of
each phase.
16
PWM3
Logic-Level Output for the Phase 3 Driver.
17
PWM2
Logic-Level Output for the Phase 2 Driver.
18
PWM1
Logic-Level Output for the Phase 1 Driver.
19
REF
3.0 V Reference Output.
20
VCC
Supply Voltage for the ADP3163.
5-BIT CODE
VID4
VID3
VID2
VID1
VID0
SHARE
COMP
GND
FB
CT
VCC
REF
PWM1
PWM2
PWM3
PC
PGND
CS–
CS+
PWRGD
3
1
4
5
18
17
16
2
20
19
6
10
7
8
9
11
14
13
12
15
ADP3163
12V
100
100nF
1.2V
1 F
100nF
VFB
20k
AD820
Figure 1. Closed-Loop Output Voltage Accuracy Test Circuit
Table I. PWM Outputs vs. Phase Control Code
Maximum
PC
PWM3
PWM2
PWM1
Duty Cycle
REF
ON
ON
ON
33%
GND
OFF
ON
ON
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com