Electronic Components Datasheet Search
  English  ▼

X  

ADP3415 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3415
Description  Dual MOSFET Driver with Bootstrapping
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3415 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3415 Datasheet HTML 2Page - Analog Devices ADP3415 Datasheet HTML 3Page - Analog Devices ADP3415 Datasheet HTML 4Page - Analog Devices ADP3415 Datasheet HTML 5Page - Analog Devices ADP3415 Datasheet HTML 6Page - Analog Devices ADP3415 Datasheet HTML 7Page - Analog Devices ADP3415 Datasheet HTML 8Page - Analog Devices ADP3415 Datasheet HTML 9Page - Analog Devices ADP3415 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. B
–6–
ADP3415–Typical Performance Characteristics
DRVH
DRVL
IN
VCC = 5V
CLOAD = 3nF
VSW = 0V
TIME – ns
20ns/DIV
2V/DIV
TPC 1. DRVH Fall and DRVL Rise Times
DRVL
DRVH
IN
VCC = 5V
CLOAD = 3nF
RDLY = 40k
TIME – ns
20ns/DIV
2V/DIV
TPC 2. DRVL Fall and DRVH Rise Times
INPUT VOLTAGE – V
80
30
05
1234
70
50
0
10
VCC = 5V
TA = 25 C
CLOAD = 3nF
100
90
60
40
20
HIGH-TO-LOW TRANSITION
LOW-TO-HIGH TRANSITION
TPC 3. Input Voltage vs. Input Current
JUNCTION TEMPERATURE – C
35
27
0
125
25
50
75
100
31
29
33
21
25
23
VCC = 5V
CLOAD = 3nF
FALL TIME
37
RISE TIME
TPC 4. DRVL Rise and Fall Times vs. Temperature
JUNCTION TEMPERATURE – C
0
125
25
50
16
30
18
VCC = 5V
CLOAD = 3nF
RISE TIME
FALL TIME
75
100
28
26
24
22
20
TPC 5. DRVH Rise and Fall Times vs. Temperature
LOAD CAPACITANCE – nF
40
110
3579
60
50
70
10
30
20
VCC = 5V
DRVH
DRVL
2468
TA = 25 C
TPC 6. DRVH and DRVL Rise Time vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com