Electronic Components Datasheet Search
  English  ▼

X  

ADP3415 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3415
Description  Dual MOSFET Driver with Bootstrapping
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3415 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3415 Datasheet HTML 4Page - Analog Devices ADP3415 Datasheet HTML 5Page - Analog Devices ADP3415 Datasheet HTML 6Page - Analog Devices ADP3415 Datasheet HTML 7Page - Analog Devices ADP3415 Datasheet HTML 8Page - Analog Devices ADP3415 Datasheet HTML 9Page - Analog Devices ADP3415 Datasheet HTML 10Page - Analog Devices ADP3415 Datasheet HTML 11Page - Analog Devices ADP3415 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. B
ADP3415
–9–
Shutdown
For optimal system power management, when the output voltage
is not needed, the ADP3415 can be shut down to conserve power.
When the
SD pin is high, the ADP3415 is enabled for normal
operation. Pulling the
SD pin low forces the DRVH and DRVL
outputs low, turning the buck converter OFF and reducing the
VCC supply current to less than 40
µA.
Undervoltage Lockout
The undervoltage lockout (UVLO) circuit holds both FET
driver outputs low during VCC supply ramp-up. The UVLO
logic becomes active and in control of the driver outputs at a
supply voltage of no greater than 1.5 V. The UVLO circuit
waits until the VCC supply has reached a voltage high enough
to bias logic level FETs fully ON, around 4.1 V, before releas-
ing control of the drivers to the control pins.
Thermal Shutdown
The thermal shutdown circuit protects the ADP3415 against
damage due to excessive power dissipation. Under extreme
conditions, high ambient temperature and high power dissipa-
tion, the die temperature may rise up to the thermal shutdown
threshold of 165
°C. If the die temperature exceeds 165°C, the
thermal shutdown circuit will turn the output drivers OFF. The
drivers remain disabled until the junction temperature has
decreased by 10
°C, at which point the drivers are again enabled.
APPLICATION INFORMATION
Supply Capacitor Selection
For the supply input (VCC) of the ADP3415, a local bypass
capacitor is recommended to reduce the noise and to supply
some of the peak currents drawn. Use a 10
µF MLC capacitor.
Keep the ceramic capacitor as close as possible to the ADP3415.
Multilayer ceramic (MLC) capacitors provide the best combina-
tion of low ESR and small size and can be obtained from the
following vendors:
Murata
GRM235Y5V106Z16
www.murata.com
Taiyo-Yuden
EMK325F106ZF
www.t-yuden.com
Tokin
C23Y5V1C106ZP
www.tokin.com
Bootstrap Circuit
The bootstrap circuit requires a charge storage capacitor, CBST,
and a Schottky diode, D1, as shown in Figure 2. Selecting these
components can be done after the high-side FET has been chosen.
The bootstrap capacitor must have a voltage rating that is able
to handle the maximum battery voltage plus 5 V. The capaci-
tance is determined using the following equation
C
Q
V
BST
GATE
BST
=
∆
(1)
where QGATE is the total gate charge of the high-side FET,
and
VBST is the voltage droop allowed on the high-side FET
drive. For example, the IRFR8503 has a total gate charge of
about 15 nC. For an allowed droop of 150 mV, the required
bootstrap capacitance is 100 nF. Use an MLC capacitor.
A Schottky diode is recommended for the bootstrap diode due
to its low forward drop, which maximizes the drive available for
the high-side FET. The bootstrap diode must also be able to
withstand the maximum battery voltage plus 5 V. The average
forward current can be estimated by
IQ
f
F AVG
GATE
MAX
() ≈×
(2)
where fMAX is the maximum switching frequency of the controller.
Delay Resistor Selection
The delay resistor, RDLY, is used to add an additional delay
when the low-side FET drive turns off and when the high-side
drive starts to turn on. The delay resistor programs a specified
additional delay besides the 20 ns of fixed delay.
Printed Circuit Board Layout Considerations
Use the following general guidelines when designing printed
circuit boards:
1. Trace out the high current paths and use short, wide traces
to make these connections.
2. Locate the VCC bypass capacitor as close as possible to the
VCC and GND pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com