Electronic Components Datasheet Search
  English  ▼

X  

ADP3415 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3415
Description  Dual MOSFET Driver with Bootstrapping
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3415 Datasheet(HTML) 3 Page - Analog Devices

  ADP3415 Datasheet HTML 1Page - Analog Devices ADP3415 Datasheet HTML 2Page - Analog Devices ADP3415 Datasheet HTML 3Page - Analog Devices ADP3415 Datasheet HTML 4Page - Analog Devices ADP3415 Datasheet HTML 5Page - Analog Devices ADP3415 Datasheet HTML 6Page - Analog Devices ADP3415 Datasheet HTML 7Page - Analog Devices ADP3415 Datasheet HTML 8Page - Analog Devices ADP3415 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. B
ADP3415
–3–
ABSOLUTE MAXIMUM RATINGS
*
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
BST to GND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +30 V
BST to SW . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
SW to GND . . . . . . . . . . . . . . . . . . . . . . . . . –2.0 V to +25 V
SD, IN, DRVLSD to GND . . . . . . . . . . . . . . –0.3 V to +7.3 V
Operating Ambient Temperature Range . . . . . . 0
°C to 100°C
Operating Junction Temperature Range . . . . . . 0
°C to 125°C
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 155
°C/W
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
°C/W
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Absolute maximum
ratings apply individually only, not in combination. Unless otherwise specified, all
other voltages are referenced to GND.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
10
9
8
7
6
1
2
3
4
5
IN
SD
DRVLSD
DLY
BST
DRVH
SW
GND
ADP3415
VCC
DRVL
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADP3415 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1IN
TTL-Level Input Signal. Has primary control of the drive outputs.
2
SD
Shutdown. When high, this pin enables normal operation. When low, DRVH and DRVL are forced low
and the supply current (ICCQ) is minimized as specified.
3
DRVLSD
Drive-Low Shutdown. When
DRVLSD is low, DRVL is kept low. When DRVLSD is high, DRVL is
enabled and controlled by IN and by the adaptive OPC function.
4
DLY
High-Side Turn-On Delay. A resistor from this pin to ground programs an extended delay from turn-off
of the lower FET to turn-on of the upper FET.
5
VCC
Input Supply. This pin should be bypassed to GND with a ~10
µF ceramic capacitor.
6
DRVL
Synchronous Rectifier Drive. Output drive for the lower (synchronous rectifier) FET.
7GND
Ground. Should be directly connected to the ground plane, close to the source of the lower FET.
8SWThis pin should be connected to the buck switching node, close to the upper FET’s source. It is the
floating return for the upper FET drive signal. Also, it is used to monitor the switched voltage for the
OPC function.
9
DRVH
Buck Drive. Output drive for the upper (buck) FET.
10
BST
Floating Bootstrap Supply for the Upper FET. A capacitor connected between BST and SW pins holds
this bootstrapped supply voltage for the high-side FET driver as it is switched. The capacitor should be
an MLC type and should have substantially greater capacitance (e.g., ~ 20
×) than the input capacitance
of the upper FET.
ORDERING GUIDE
Temperature
Package
Package
Quantity
Model
Guide
Description
Option
per Reel
Branding
ADP3415LRM-REEL
0
°C to 100°C
MSOP
RM-10
3,000
P1E
ADP3415LRM-REEL7
0
°C to 100°C
MSOP
RM-10
1,000
P1E
ADP3415LRMZ-REEL
*
0
°C to 100°C
MSOP
RM-10
3,000
P1E
*Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com