Electronic Components Datasheet Search
  English  ▼

X  

ADP3811 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3811
Description  Secondary Side, Off-Line Battery Charger Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3811 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3811 Datasheet HTML 8Page - Analog Devices ADP3811 Datasheet HTML 9Page - Analog Devices ADP3811 Datasheet HTML 10Page - Analog Devices ADP3811 Datasheet HTML 11Page - Analog Devices ADP3811 Datasheet HTML 12Page - Analog Devices ADP3811 Datasheet HTML 13Page - Analog Devices ADP3811 Datasheet HTML 14Page - Analog Devices ADP3811 Datasheet HTML 15Page - Analog Devices ADP3811 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP3810/ADP3811
–12–
REV. 0
The trade-off between using a linear regulator as shown versus
using a flyback or buck type of charger is efficiency versus sim-
plicity. The linear charger in Figure 29 is very simple, and it
uses a minimal amount of external components. However, the
efficiency is poor, especially when there is a large delta between
the input output voltages. The power loss in the pass transistor
is equal to (VIN–VBAT)
× I
CHARGE. Since the circuit is powered
from a wall adapter, efficiency may not be a big concern, but the
heat dissipated in the pass transistor could be excessive.
An important specification for this circuit is the dropout voltage,
which is the difference between the input and output voltage at
full charge current. There must be enough voltage to keep the
N-channel MOSFET on. In this case, the dropout voltage is
approximately 2.2 V for a 0.5 A output current. Two alternative
IRF7205
VIN
ADP3811
OUT
2N3904
VBAT
10k
Ω
1k
Ω
ADP3811
VREF
2N5058
VIN
ADP3811
OUT
2N3904
VBAT
10k
Ω
250
Ω
2N3904
1k
Ω
a. P-Channel MOSFET
b. NPN Darlington
Figure 30. Alternative Pass Transistor for Linear Regulator
realizations of the pass element are shown in Figure 30. In case
(a), the pass transistor is a P-channel MOSFET. This provides
a lower dropout voltage so that VBAT can be within a few hun-
dred millivolts of VIN. In case (b), a Darlington configuration of
two npn transistors is used. The dropout voltage of this circuit
is approximately 2 V for a 0.5 A charge current.
STABILIZATION OF FEEDBACK LOOPS
The ADP3810/ADP3811 uses two transconductance error am-
plifiers with “merged” output stages to create a shared compen-
sation point (COMP) for both the current and voltage loops as
explained previously. Since the voltage and current loops have
significantly different natural crossover frequencies in a battery
charger application, the two loops need different inverted zero
feedback loop compensations that can be accomplished by two
series RC networks. One provides the needed low frequency
(typical fC < 100 Hz) compensation to the voltage loop, and the
other provides a separate high frequency (fC ~ 1 kHz–10 kHz)
compensation to the current loop. In addition, the current loop
input requires a ripple reduction filter on the VCS pin to filter
out switching noise. Instead of placing both RC networks on the
COMP pin, the current loop network is placed between VCS and
ground as shown in Figure 23 (CC2 and RC2). Thus, it performs
two functions, ripple reduction and loop compensation.
Loop Stability Criteria for Battery Charger Applications
1. The voltage loop has to be stable when the battery is
removed or floating.
2. The current loop has to be stable when the battery is being
charged within its specified charge current range.
3. Both loops have to be stable within the specified input source
voltage range.
Flyback Charger Compensation
Figure 31 shows a simplified form of a battery charger system
based on the off-line flyback converter presented in Figure 23.
With some modifications (no optocoupler, for example), this
model can also be used for converters such as a Buck Converter
(Figure 28) or a Linear Regulator (Figure 29). GM1 and GM2
are the internal GM amplifiers of the ADP3810/ADP3811, and
GM3 is the buffered output stage that drives the optocoupler.
The primary side in Figure 23 is represented here by the “Power
Stage,” which is modeled as GM4, a linear voltage controlled
current source model of the flyback transformer and switch.
The “Voltage Error Amplifier” block is the internal error ampli-
fier of the 3845 PWM-IC (RF = 3.3 k
Ω in Figure 23), and it is
followed by an internal resistor divider. The optocoupler is
modeled as a current controlled current source as shown. Its
output current develops a voltage, VX, across RF. The gain val-
ues of all the blocks are defined below.
This linear model makes the calculation of compensation values
a manageable task. It also has the great benefit of allowing the
simulation of the ac response using a circuit simulator, such
as PSpice or MicroCap. For computer modeling, the GM
0.25
Ω*
IRF7201
20k
Ω*
RC1
200
Ω
CC1
1µF
0.1µF
0.1µF
CC2
220nF
0.1µF
VCC
VSENSE
+VIN
GND
VCS
VREF
VCTRL
COMP
OUT
ADP3811
VCTRL
VCTRL &
VREF RTN
RC2
560
Ω
2N3904
VBAT
10k
Ω
220µF
1k
Ω
BATTERY
1µF
VREF
VIN
RTN
R1
80.6k
Ω
R2
20k
Ω
R8
1k
Ω
250
Ω
VBAT = 2.0V ( –– + 1)
R1
R2
Figure 29. ADP3811 Controlling a Linear Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com