Electronic Components Datasheet Search
  English  ▼

X  

ADP3811 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP3811
Description  Secondary Side, Off-Line Battery Charger Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3811 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP3811 Datasheet HTML 8Page - Analog Devices ADP3811 Datasheet HTML 9Page - Analog Devices ADP3811 Datasheet HTML 10Page - Analog Devices ADP3811 Datasheet HTML 11Page - Analog Devices ADP3811 Datasheet HTML 12Page - Analog Devices ADP3811 Datasheet HTML 13Page - Analog Devices ADP3811 Datasheet HTML 14Page - Analog Devices ADP3811 Datasheet HTML 15Page - Analog Devices ADP3811 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADP3810/ADP3811
–15–
REV. 0
Step 9. Iterate CC1:
Because fZ1 is very close to fCV, it will increase the error ampli-
fier gain in a nonnegligible amount at the 0 dB point. The in-
crease in gain is calculated as:
20
× log 1+
f Z1
f CV


2
= 7.1dB
Now, the total error amplifier gain loss required is:
GLOSS = 37.6 dB + 7.1 dB = 44.7 dB
With this, the new fP1 can be calculated from the equation in
Step 5.
fP1 = 0.58 Hz
Finally, CC1 is recalculated using the equation in Step 6.
CC1 =
1
2
π× 400 kΩ× 0.58 Hz
≈ 0.7 µF
Following these steps gives a cookbook method for calculating
the compensation components for the voltage loop. As men-
tioned above, these components can be optimized in the actual
circuit. The results of a PSpice
1 analysis of the loop is shown in
Figure 32. The open loop gain of the loop is 108 dB as calcu-
lated. The crossover frequency is 100 Hz with a phase margin
of 52
°. The graph shows the phase leveling off at 90°. In reality
the phase will continue to fall as higher frequency parasitic poles
take effect.
1PSpice is a trademark of MicroSim Corporation.
FREQUENCY – Hz
–100
0.01
100k
0.1
1
10
100
200
100
0
0
180
90
1k
0dB CROSSOVER
PHASE MARGIN = 52
Figure 32. Voltage Loop Gain/Phase Plots
Voltage Loop Compensation, Battery Present
When the battery has finished charging and is still connected to
the charging circuitry, the system is said to be “floating” the bat-
tery. The loop is maintaining a constant output voltage equal to
the battery voltage, and the output current has dropped to
nearly zero. This case is actually the easiest to compensate be-
cause the battery’s capacitance creates a very low frequency
dominant pole, giving a single pole response. For example, if the
battery is modeled as a 10 Farad capacitor, the dominant pole
will be 1/(2
π × 1.2 kΩ × 10 F) = 0.013 MHz. This very low fre-
quency pole causes the system to cross over 0 dB at less than
10 Hz, giving a stable single pole system. The compensation
components have little effect on this response, so no further
calculations are needed for this case.
Current Loop Compensation
Now that the voltage loop compensation is complete, it is time
to add the compensation for the current loop. The definitions
for modulator gain and error amplifier gain are the same as be-
fore; but now, the controlling error amplifier is GM1 in Figure
31, as opposed to GM2, for the voltage loop. Otherwise, the
calculations are very similar.
Step 10. Calculate the dc loop gain (GLOOP), fPM, and fZM:
GMOD = 20 × log GM 3 × ITXOC × RF × AV 2 ×GM 4 × RCS
[]
GMOD = 20 × log
6 mA /V
× 0.36 × 3.3 kΩ×
0.333
×1.0 A /V × 0.25 Ω


=−4.5 dB
GEA = 20 × log GM1× R5
[]=20log
8.3 mA /V
× 400 kΩ
[]=70.4dB
GLOOP = –6.1 dB + 70.4 dB = 64.3 dB
f PM =
1
2
π× R
CS + RF1
()×C
F1
=
1
2
π×0.35 Ω×1mF
= 450 Hz
f ZM =
1
2
π× R
F1 × CF1
=
1
2
π×0.1Ω×1mF
=1.6 kHz
Step 11. Pick the current loop crossover frequency, fCI:
From Step 2 in the voltage loop calculations, fCI ~ 1.9 kHz.
Step 12. Calculate GMOD at fCI:
The modulator gain of –4.5 dB is the dc gain. The modulator
pole reduces this gain above fPM.
GMOD = 1.9 kHz
()=G
MOD dc
()−20×log 1+ fCI
f PM


2
+ 20 × log 1+
f CI
f ZM


2
GMOD = 1.9 kHz
()=−4.5dB−12.7dB+3.8dB = –13.4dB
If the 1 mF capacitor has a much higher ESR, e.g., 1
Ω, the
modulator zero, fZM, will be lower in frequency than the modu-
lator pole, fPM. This causes the loop gain and bandwidth to in-
crease and could cause instability. One possible solution to this
scenario is to use a much higher value (47 nF) for the CF = 1 nF
capacitor. The pole of this capacitor would then be in the 1 kHz
range and would reduce the loop gain. If the ESR is much less
than 0.1
Ω, the bandwidth of the loop will decrease slightly.
Step 13. Calculate gain loss of GEA at fCI:
The gain loss of GEA in the current loop is a combination of the
loss due to CC1, RC1 and the additional loss from CC2, RC2. To
calculate the contribution of gain roll-off needed from CC2, RC2,
the effective gain of GEA must first be calculated. Since the gain
is calculated at 1.9 kHz, the impedance of CC1 is 120
Ω. Thus,
the gain becomes:
GEA 1.9 kHz
()=20×log GM1× R6+R
C1 + 120 Ω
()
[]
GEA 1.9 kHz
()=20×log 8.3mA/V × 10320 Ω
()
[]= 38.9dB
GLOSS = GEA (1.9 kHz) – GMOD (1.9 kHz)
= 38.9 dB – 13.4 dB = 25.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com