Electronic Components Datasheet Search
  English  ▼

X  

ADR423AR Datasheet(PDF) 11 Page - Analog Devices

Part # ADR423AR
Description  Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR423AR Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR423AR Datasheet HTML 7Page - Analog Devices ADR423AR Datasheet HTML 8Page - Analog Devices ADR423AR Datasheet HTML 9Page - Analog Devices ADR423AR Datasheet HTML 10Page - Analog Devices ADR423AR Datasheet HTML 11Page - Analog Devices ADR423AR Datasheet HTML 12Page - Analog Devices ADR423AR Datasheet HTML 13Page - Analog Devices ADR423AR Datasheet HTML 14Page - Analog Devices ADR423AR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. B
ADR420/ADR421/ADR423/ADR425
–11–
TIME – 4 s/DIV
CLOAD = 0.01 F
NO INPUT CAP
VOUT 2V/DIV
VIN 2V/DIV
TPC 31. ADR421 Turn-Off Response
TIME – 4 s/DIV
CLOAD = 0.01 F
NO INPUT CAP
VOUT 2V/DIV
VIN 2V/DIV
TPC 32. ADR421 Turn-On Response
CL = 0
TIME – 100 s/DIV
CBYPASS = 0.1 F
RL = 500
2V/DIV
5V/DIV
VIN
VOUT
TPC 33. ADR421 Turn-On/Turn-Off Response
FREQUENCY – Hz
10
100k
100
1k
10k
10
5
15
20
25
30
35
40
45
50
ADR425
ADR420
ADR421
ADR423
TPC 34. Output Impedance vs. Frequency
FREQUENCY – Hz
–20
10
1M
100
1k
10k
100k
–40
–60
–80
–10
–90
–30
–50
–70
TPC 35. Ripple Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com